Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM1012 Datasheet(PDF) 2 Page - Analog Devices

Part # PM1012
Description  Low Power Precision Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

PM1012 Datasheet(HTML) 2 Page - Analog Devices

  PM1012 Datasheet HTML 1Page - Analog Devices PM1012 Datasheet HTML 2Page - Analog Devices PM1012 Datasheet HTML 3Page - Analog Devices PM1012 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
–2–
REV. C
PM1012–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
PM1012G
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Offset Voltage
VOS
(Note 1)
10
50
µV
25
120
µV
Long-Term
VOS Stability
∆V
OS/Time
0.3
µV/Month
Input Offset Current
IOS
(Note 1)
20
150
pA
30
200
pA
Input Bias Current
IB
(Note 1)
± 30
± 150
pA
± 40
± 200
pA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.5
µV p-p
Input Noise Voltage Density
en
fO = 10 Hz
2
17
30
nV/
√Hz
fO = 1000 Hz
3
14
22
nV/
√Hz
Input Noise Current Density
In
fO = 10 Hz
20
fA/
√Hz
Large-Signal Voltage Gain
AVO
VO = ± 12 V; RL = 10 kΩ
200
2000
V/mV
VO = ± 10 V; RL = 2 kΩ
120
1000
V/mV
Common-Mode Rejection
CMR
VCM = ± 13.5 V
110
132
dB
Power-Supply Rejection
PSR
VS = ±2 V to ± 20 V
110
132
dB
Input Voltage Range
IVR
(Note 4)
± 13.5
± 14.0
V
Output Voltage Swing
VO
RL = 10 kΩ± 13
± 14
V
Slew Rate
SR
0.1
0.2
V/
µs
Full-Power Bandwidth
BWP
3
kHz
Gain Bandwidth Product
GBW
AV = +100
0.5
MHz
Supply Current
ISY
(Note 1)
380
600
µA
Supply Voltage
VS
Operating Range
± 2
± 15
± 20
V
NOTES
1These specifications apply for
±2 V ≤ V
S
≤ ± 20 V and –13.5 V ≤ V
CM
≤ +13.5 V (for V
S =
± 15 V).
210 Hz noise voltage density is sample tested. Devices 100% tested for noise are available on request.
3Sample tested.
4Guaranteed by CMR test.
Specifications subject to change without notice.
(@ VS =
15 V, VCM = 0 V, TA = +25 C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS
PM1012G
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Offset Voltage
VOS
20
120
µV
30
200
µV
Average Temperature
TCVOS
(Note 1)
Coefficient of VOS
0.2
1.5
µV/°C
Input Offset Current
IOS
(Note 1)
20
230
pA
40
300
pA
Average Temperature
TCIOS
Coefficient of IOS
0.3
2.5
pA/
°C
Input Bias Current
IB
(Note 1)
± 35
± 230
pA
± 50
± 300
pA
Average Temperature
Coefficient of IB
TCIB
0.3
2.5
pA/
°C
Large Signal Voltage Gain
AVO
VO =
± 12 V; R
L = 10 k
Ω
150
1500
V/mV
VO =
± 10 V; R
L = 2 k
Ω
100
800
V/mV
Common-Mode Rejection
CMR
VCM =
± 13.5 V
108
130
dB
Power Supply Rejection
PSR
VS =
±2.5 V to ± 20 V
108
128
dB
Input Voltage Range
IVR
(Note 2)
± 13.5
± 14.0
V
Output Voltage Swing
VO
RL = 10 k
Ω± 13
± 14
V
Slew Rate
SR
0.05
0.15
V/
µs
Supply Current
ISY
(Note 1)
400
800
µA
Supply Voltage
VS
Operating Range
± 2.5
± 15
± 20
V
NOTES
1These specifications apply for
±2.5 V ≤ V
S ≤ ± 20 V and –13.5 V ≤ VCM ≤ +13.5 V (for VS = ± 15 V).
2Guaranteed by CMR test.
Specifications subject to change without notice.
(@ VS =
15 V, VCM = 0 V, –40 C
≤ T
A
≤ +85 C for PM1012GP, GS, unless otherwise noted)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com