Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97FZ Datasheet(PDF) 2 Page - Analog Devices

Part # OP97FZ
Description  Low-Power, High-Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97FZ Datasheet(HTML) 2 Page - Analog Devices

  OP97FZ Datasheet HTML 1Page - Analog Devices OP97FZ Datasheet HTML 2Page - Analog Devices OP97FZ Datasheet HTML 3Page - Analog Devices OP97FZ Datasheet HTML 4Page - Analog Devices OP97FZ Datasheet HTML 5Page - Analog Devices OP97FZ Datasheet HTML 6Page - Analog Devices OP97FZ Datasheet HTML 7Page - Analog Devices OP97FZ Datasheet HTML 8Page - Analog Devices OP97FZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. D
–2–
OP97–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
OP97A/E
OP97F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
10
25
30
75
µV
Long-Term Offset
Voltage Stability
∆V
OS/Time
0.3
0.3
µV/Month
Input Offset Current
IOS
30
100
30
150
pA
Input Bias Current
IB
±30
±100
±30
±150 pA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.5
0.5
µV p-p
Input Noise Voltage Density en
fO = 10 Hz
2
17
30
17
30
nV/
√Hz
fO = 1000 Hz
3
14
22
14
22
nV/
√Hz
Input Noise Current Density in
fO = 10 Hz
20
20
fA/
√Hz
Large-Signal Voltage Gain
AVO
VO =
±10 V; RL = 2 kΩ 300
2000
200
2000
V/mV
Common-Mode Rejection
CMR
VCM =
±13.5 V
114
132
110
132
dB
Power-Supply Rejection
PSR
VS =
±2 V to ±20 V
114
132
110
132
dB
Input Voltage Range
IVR
(Note 1)
±13.5
±14.0
±13.5
±14.0
V
Output Voltage Swing
VO
RL = 10 k
Ω±13
±14
±13
±14
V
Slew Rate
SR
0.1
0.2
0.1
0.2
V/
µs
Differential Input Resistance RIN
(Note 4)
30
30
M
Ω
Closed-Loop Bandwidth
BW
AVCL = 1
0.4
0.9
0.4
0.9
MHz
Supply Current
ISY
380
600
380
600
µA
Supply Voltage
VS
Operating Range
±2
±15
±20
±2
±15
±20
V
NOTES
1Guaranteed by CMR test.
210 Hz noise voltage density is sample tested. Devices 100% tested for noise are available on request.
3Sample tested.
4Guaranteed by design.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
OP97A/E
OP97F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
25
60
60
200
µV
Average Temperature
TCVOS
S-Package
0.2
0.6
0.3
2.0
µV/°C
Coefficient of VOS
0.3
Input Offset Current
IOS
60
250
80
750
pA
Average Temperature
TCIOS
0.4
2.5
0.6
7.5
pA/
°C
Coefficient of IOS
Input Bias Current
IB
±60
±250
±80
±750
pA
Average Temperature
Coefficient of IB
TCIB
0.4
2.5
0.6
7.5
pA/
°C
Large Signal Voltage Gain
AVO
VO = 10 V; RL = 2 k
Ω
200
1000
150
1000
V/mV
Common-Mode Rejection
CMR
VCM =
±13.5 V
108
128
108
128
dB
Power Supply Rejection
PSR
VS =
±2.5 V to ±20 V
108
126
108
128
dB
Input Voltage Range
IVR
(Note 1)
±13.5
±14.0
±13.5 ±14.0
V
Output Voltage Swing
VO
RL = 10 k
Ω±13
±14
±13
±14
V
Slew Rate
SR
0.05
0.15
0.05
0.15
V/
µs
Supply Current
ISY
400
800
400
800
µA
Supply Voltage
VS
Operating Range
±2.5
±15
±20
±2.5 ±15
±20
V
NOTES
1Guaranteed by CMR test.
Specifications subject to change without notice.
(@ VS =
15 V, VCM = 0 V, TA = 25 C, unless otherwise noted.)
(@ VS =
15 V, VCM = 0 V, –40 C
≤ TA ≤ +85 C for the OP97E/F and –55 C ≤ TA ≤ +125 C
for the OP97A, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com