Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01 Datasheet(PDF) 3 Page - Analog Devices

Part # REF01
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01 Datasheet(HTML) 3 Page - Analog Devices

  REF01 Datasheet HTML 1Page - Analog Devices REF01 Datasheet HTML 2Page - Analog Devices REF01 Datasheet HTML 3Page - Analog Devices REF01 Datasheet HTML 4Page - Analog Devices REF01 Datasheet HTML 5Page - Analog Devices REF01 Datasheet HTML 6Page - Analog Devices REF01 Datasheet HTML 7Page - Analog Devices REF01 Datasheet HTML 8Page - Analog Devices REF01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. C
–3–
REF01
VIN
GND
TRIM
VO
REF01
15V
2
6
5
4
OUTPUT
10k
Figure 1. Output Adjustment
VIN
GND
REF01
+18V
–18V
Figure 2. Burn-In Circuit
The REF01 trim terminal can be used to adjust the output
voltage over a 10 V
±300 mV range. This feature allows the
system designer to trim system errors by setting the reference to
a voltage other than 10 V. Of course, the output can also be set
to exactly 10.000 V or to 10.240 V for binary applications.
Adjustment of the output does not significantly affect the tem-
perature performance of the device. The temperature coefficient
change is approximately 0.7 ppm/
°C for 100 mV of output
adjustment.
2
4
5
6
2. INPUT VOLTAGE (VIN)
4. GROUND
5.TRIM
6. OUTPUT VOLTAGE (VOUT)
DIE SIZE 0.074
0.048 INCH, 3552 SQUARE MILS
(1.88
1.22 mm, 2.29 SQUARE mm)
Figure 3. Dice Characteristics (125 C Tested Dice Available)
(@ VIN = 15 V, 0 C
TA
70 C for REF01CJ, REF01CZ, and
–40 C
TA
+85 C for REF01CP and REF01CS, unless otherwise noted.)
ELECTRICAL SPECIFICATIONS
REF01C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Change
VOT
0.14
0.45
%
with Temperature5, 6
Output Voltage
TCVO
20
65
ppm/
°C
Temperature Coefficient
7
Change in VO Temperature
Coefficient with Output
Adjustment
RP = 10 k
Ω
0.7
ppm/%
Line Regulation2
VIN = 13 V to 30 V
0.011
0.018
%/V
Load Regulation
2
IL = 0 to 5 mA
0.008
0.018
%/mA
TCV
to
C
Vto
C
C
and
TCV
to
C
Vto
C
C
O
OT
O
OT
070
070
70
55
125
55
125
180
oo
oo
o
oo
oo
o
+
() =
+
()
−+
() =
−+
()
∆
∆
NOTES
1Sample tested.
2Line and load regulation specifications include the effect of self-heating.
3Guaranteed by design.
4During sink current test the device meets the output voltage specified.
5
VOT is defined as the absolute difference between the maximum output voltage and the minimum
output voltage over the specified temperature range expressed as a percentage of 10 V:
∆V
VV
V
OT
MAX
MIN
=×
–
10
100
6
VOT specification applies trimmed to +10,000 V or untrimmed.
7TCV
O is defined as
Var divided by the temperature range, i.e.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com