Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7159 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7159
Description  SMA SP6T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7159 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7159 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE7159

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7159 PASTERNACK-PE7159 Datasheet
433Kb / 5P
SP6T Electromechanical Relay Normally Open Switch
PE7159 PASTERNACK-PE7159_15 Datasheet
433Kb / 5P
SP6T Electromechanical Relay Normally Open Switch
More results

Similar Description - PE7159

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7141 PASTERNACK-PE7141 Datasheet
250Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7142 PASTERNACK-PE7142 Datasheet
120Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7150 PASTERNACK-PE7150 Datasheet
88Kb / 1P
SMA TRANSFER RELAY SWITCH FAILSAFE
PE7158 PASTERNACK-PE7158 Datasheet
299Kb / 1P
SMA SP4T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE7160 PASTERNACK-PE7160 Datasheet
338Kb / 1P
SMA SP10T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
Normally Open Switch
PE71S6207 PASTERNACK-PE71S6207 Datasheet
771Kb / 6P
SP6T Electromechanical Relay Switch DC to 8 GHz, TNC, 60 Watts, 28V Control with Normally Open
PE71S6195 PASTERNACK-PE71S6195 Datasheet
769Kb / 6P
SP6T Electromechanical Relay Switch DC to 10 GHz, N, 160 Watts, 28V Control with Normally Open
PE7159 PASTERNACK-PE7159_15 Datasheet
433Kb / 5P
SP6T Electromechanical Relay Normally Open Switch
PE7160 PASTERNACK-PE7160_15 Datasheet
483Kb / 6P
SP10T Electromechanical Relay Normally Open Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com