Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97F Datasheet(PDF) 5 Page - Analog Devices

Part # OP97F
Description  Low-Power, High-Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97F Datasheet(HTML) 5 Page - Analog Devices

  OP97F Datasheet HTML 1Page - Analog Devices OP97F Datasheet HTML 2Page - Analog Devices OP97F Datasheet HTML 3Page - Analog Devices OP97F Datasheet HTML 4Page - Analog Devices OP97F Datasheet HTML 5Page - Analog Devices OP97F Datasheet HTML 6Page - Analog Devices OP97F Datasheet HTML 7Page - Analog Devices OP97F Datasheet HTML 8Page - Analog Devices OP97F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. D
–5–
OP97
SUPPLY VOLTAGE – V
300
0
325
375
400
450
5
NO LOAD
TA = +125 C
TA = –55 C
TA = +25 C
350
425
10
15
20
TPC 10. Supply Current vs. Supply
Voltage
LOAD RESISTANCE – k
10000
1
1000
100
2
5
10
20
TA = +125 C
TA = –55 C
TA = +25 C
VS = 15V
VO = 10V
TPC 13. Open-Loop Gain vs. Load
Resistance
OUTPUT VOLTAGE – V
–15
–50
5
10
RL = 10k
VS = 15V
VCM = 0V
–10
15
TA = +125 C
TA = –55 C
TA = +25 C
Figure 16. Open-Loop Gain Linearity
FREQUENCY – Hz
0
1
100
10
100
1k
10k
TA = 25 C
VS = 15V
VCM = 10V
20
40
60
80
120
140
100k
1M
TPC 11. Common-Mode Rejection
vs. Frequency
FREQUENCY – Hz
100
1k
10
1
10k
100k
1M
10M
100M
CURRENT NOISE
1/f CORNER
120Hz
VOLTAGE NOISE
1/f CORNER
2.5Hz
TA = 25 C
VS = 2V TO 20V
1000
100
10
1
1000
TPC 14. Noise Density vs.
Frequency
LOAD RESISTANCE –
35
1
10
30
10k
1k
100
TA = 25 C
VS = 15V
AVCL = +1
1% THD
fO = 1kHz
25
20
15
10
5
TPC 17. Maximum Output Swing
vs. Load Resistance
FREQUENCY – Hz
20
0.1
40
60
80
100
10
100
1k
10k
–PSR
TA = 25 C
VS = 15V
VS = 10V p–p
1
100k
140
+PSR
120
1M
TPC 12. Power-Supply Rejection
vs. Frequency
SOURCE RESISTANCE –
10
0.01
102
1
0.1
TA = 25 C
VS = 2V TO 20V
RESISTOR NOISE
1kHz
10Hz
R
R
RS = 2R
103
104
105
106
107
108
1kHz
10Hz
TPC 15. Total Noise Density vs.
Source Resistance
FREQUENCY – Hz
35
1
30
100k
1k
100
TA = 25 C
VS = 15V
AVCL = 1
1% THD
Rl = 10k
25
20
15
10
5
10k
TPC 18. Maximum Output Swing
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com