Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE33232-48 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE33232-48
Description  N Male to N Male Precision Cable 48 Inch Length Using 150 Series Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33232-48 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE33232-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE33232-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE33232-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE33232-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Male to N Male Precision Cable 48 Inch Length Using 150 Series Coax, RoHS from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Precision Cable 48 Inch Length Using 150 Series Coax, RoHS PE33232-48
URL: http://www.pasternack.com/n-male-n-male-150-series-cable-assembly-pe33232-48-p.aspx
PE33232-48 REV
PE33232-48
N Male to N Male Precision Cable 48 Inch
Length Using 150 Series Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com