Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE34286-30 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE34286-30
Description  SMA Male to SMA Male Precision Cable 30 Inch Length Using 150 Series Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34286-30 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE34286-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34286-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34286-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE34286-30 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Connector 2
Type
SMA Male
Configuration
Straight
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to SMA Male Precision Cable 30 Inch Length Using 150 Series Coax, RoHS from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male to SMA Male Precision Cable 30 Inch Length Using 150 Series Coax, RoHS
PE34286-30
URL: http://www.pasternack.com/sma-male-sma-male-150-series-cable-assembly-pe34286-30-p.aspx
PE34286-30 REV
PE34286-30
SMA Male to SMA Male Precision Cable 30 Inch
Length Using 150 Series Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com