Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018T Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2018T
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018T Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2018T Datasheet HTML 5Page - Analog Devices SSM2018T Datasheet HTML 6Page - Analog Devices SSM2018T Datasheet HTML 7Page - Analog Devices SSM2018T Datasheet HTML 8Page - Analog Devices SSM2018T Datasheet HTML 9Page - Analog Devices SSM2018T Datasheet HTML 10Page - Analog Devices SSM2018T Datasheet HTML 11Page - Analog Devices SSM2018T Datasheet HTML 12Page - Analog Devices SSM2018T Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
–9–
SSM2018T/SSM2118T
–20
–40
–40
100
–25
–35
–20
–30
60
80
40
20
0
TEMPERATURE –
°C
VS = ±15V
Figure 31. SSM2018T and SSM2118T Gain Constant vs.
Temperature
–28
–33
60
–30
–32
–60
–31
–80
–29
40
20
0
–20
–40
GAIN – dB
TA = +25°C
VS = ±15V
Figure 32. SSM2018T and SSM2118T Gain Constant
Linearity vs. Gain
0.1
0.0
–0.4
100
1k
100k
10k
–0.1
–0.2
–0.3
FREQUENCY – Hz
TA = +25°C
VS = ±15V
AV = 0dB
VIN = 100VRMS
Figure 33. SSM2018T and SSM2118T Gain Flatness vs.
Frequency
0
–40
–100
100
100k
10k
1k
10
–60
–80
–20
FREQUENCY – Hz
VS = ±15V
TA = +25°C
Figure 34. SSM2018T and SSM2118T CMRR vs.
Frequency
TA = +25°C
15.0
0
±15
7.5
2.5
±5
5.0
0
12.5
10.0
±10
SUPPLY VOLTAGE – Volts
+ SLEW RATE
– SLEW RATE
Figure 35. SSM2018T and SSM2118T Slew Rate vs.
Supply Voltage
0
–40
–100
100
100k
10k
1k
10
–60
–80
–20
FREQUENCY – Hz
+ PSRR
– PSRR
VS = ±15V
TA = +25°C
Figure 36. SSM2018T and SSM2118T PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com