Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2135
Description  Dual Single-Supply Audio Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2135 Datasheet HTML 4Page - Analog Devices SSM2135 Datasheet HTML 5Page - Analog Devices SSM2135 Datasheet HTML 6Page - Analog Devices SSM2135 Datasheet HTML 7Page - Analog Devices SSM2135 Datasheet HTML 8Page - Analog Devices SSM2135 Datasheet HTML 9Page - Analog Devices SSM2135 Datasheet HTML 10Page - Analog Devices SSM2135 Datasheet HTML 11Page - Analog Devices SSM2135 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SSM2135
REV. D
–9–
An 18-Bit Stereo CD-DAC Output Amplifier
The SSM2135 makes an ideal single supply stereo output
amplifier for audio D/A converters because of its low noise and
distortion. Figure 33 shows the implementation of an 18-bit ste-
reo DAC channel. The output amplifier also provides low-pass
filtering for smoothing the oversampled audio signal. The filter’s
cutoff frequency is set at 22.5 kHz and it has a maximally flat
response from dc to 20 kHz.
As mentioned above, the amplifier’s outputs can drive directly
into a stereo headphone that has impedance as low as 25
Ω with
no additional buffering required.
6
7
5
100pF
330pF
16
15
14
13
12
11
10
9
18-BIT
DAC
V
REF
18-BIT
SERIAL
REG.
VOL
AGND
18-BIT
SERIAL
REG.
18-BIT
DAC
V
REF
VOR
VBL
DGND
VBR
LR
DR
LL
DL
CK
V
L
V
S
1
2
3
4
5
6
7
8
AD1868
220
µF
47k
Ω
RIGHT
CHANNEL
OUTPUT
330pF
100pF
220
µF
LEFT
CHANNEL
OUTPUT
+5V SUPPLY
1
3
2
4
8
1/2
SSM2135
1/2
SSM2135
47k
Ω
7.68k
Ω
7.68k
Ω
7.68k
Ω
7.68k
Ω
9.76k
Ω
9.76k
Ω
Figure 33. +5 V Stereo 18-Bit DAC
A Single Supply Differential Line Driver
Signal distribution and routing is often required in audio
systems, particularly portable digital audio equipment for
professional applications. Figure 34 shows a single supply line
driver circuit that has differential output. The bottom amplifier
provides a 2 V dc bias for the differential amplifier in order to
maximize the output swing range. The amplifier can output a
maximum of 0.8 V rms signal with a +5 V supply. It is capable
of driving into 600
Ω line termination at a reduced output
amplitude.
1µF
6
5
8
7
1/2
SSM2135
0.1µF
100
Ω
1/2
SSM2135
1
2
3
10µF+0.1µF
+5V
4
1k
Ω
8
1
3
2
4
DIFFERENTIAL
AUDIO OUT
2.5k
Ω
7.5k
Ω
5k
Ω
+5V
10k
Ω
2.0V
1k
Ω
+5V
1/2
SSM2135
1k
Ω
100µF
AUDIO
IN
Figure 34. Single Supply Differential Line Driver
A Single Supply Differential Line Receiver
Receiving a differential signal with minimum distortion is
achieved using the circuit in Figure 35. Unlike a difference
amplifier (a subtractor), the circuit has a true balanced input
impedance regardless of input drive levels. That is, each input
always presents a 20 k
Ω impedance to the source. For best
common-mode rejection performance, all resistors around the
differential amplifier must be very well matched. Best results
can be achieved using a 10 k
Ω precision resistor network.
1µF
6
5
8
7
1/2
SSM2135
10µF
+5V
0.1µF
20k
Ω
1/2
SSM2135
1
2
3
10µF+0.1µF
+5V
4
2.0V
1/2
SSM2135
DIFFERENTIAL
AUDIO IN
8
1
3
2
4
+5V
2.5k
Ω
AUDIO
OUT
20k
Ω
20k
Ω
10k
Ω
10k
Ω
100
Ω
5k
Ω
7.5k
Ω
10
Ω
Figure 35. Single Supply Balanced Differential Line
Receiver
A Pseudo-Reference Voltage Generator
For single supply circuits, a reference voltage source is often
required for biasing purposes or signal offsetting purposes. The
circuit in Figure 36 provides a supply splitter function with low
output impedance. The 1
µF output capacitor serves as a charge
reservoir to handle a sudden surge in demand by the load as
well as providing a low ac impedance to it. The 0.1
µF feedback
capacitor compensates the amplifier in the presence of a heavy
capacitive load, maintaining stability.
The output can source or sink up to 12 mA of current with
+5 V supply, limited only by the 100
Ω output resistor. Reduc-
ing the resistance will increase the output current capability.
Alternatively, increasing the supply voltage to 12 V also
improves the output drive to more than 25 mA.
C1
0.1µF
R2
5k
Ω
C2
1µF
R4
100
Ω
OUTPUT
VS
+
2
1/2
SSM2135
1
8
4
2
R3
2.5k
Ω
3
R1
5k
Ω
VS
+
= +5V
→ +12V
Figure 36. Pseudo-Reference Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com