Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018TS Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2018TS
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018TS Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2018TS Datasheet HTML 8Page - Analog Devices SSM2018TS Datasheet HTML 9Page - Analog Devices SSM2018TS Datasheet HTML 10Page - Analog Devices SSM2018TS Datasheet HTML 11Page - Analog Devices SSM2018TS Datasheet HTML 12Page - Analog Devices SSM2018TS Datasheet HTML 13Page - Analog Devices SSM2018TS Datasheet HTML 14Page - Analog Devices SSM2018TS Datasheet HTML 15Page - Analog Devices SSM2018TS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. A
–16–
SSM2018T/SSM2118T
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Pin Plastic DIP (N-16) Package
PIN 1
0.280 (7.11)
0.240 (6.10)
9
16
18
0.210
(5.33)
MAX
0.160 (4.06)
0.115 (2.93)
0.022 (0.558)
0.014 (0.356)
0.100 (2.54)
BSC
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.840 (21.33)
0.745 (18.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
16-Pin SOIC (R-16) Package
PIN 1
0.2992 (7.60)
0.2914 (7.40)
0.4193 (10.65)
0.3937 (10.00)
1
16
9
8
0.0192 (0.49)
0.0138 (0.35)
0.0500 (1.27)
BSC
0.1043 (2.65)
0.0926 (2.35)
0.4133 (10.50)
0.3977 (10.00)
0.0118 (0.30)
0.0040 (0.10)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25)
x 45
°
0.0125 (0.32)
0.0091 (0.23)
Voltage Controlled Panner
An interesting circuit that is built with the OVCE building block
is a voltage controlled panner. Figure 48 shows the feedback
connection for the circuit. Notice that the average of both out-
puts is fed back to the input. Thus, the average must be equal
to the input voltage. When the control voltage is set for gain at
VG, this causes V1-G to attenuate (to keep the average the same).
On the other hand, when VG is attenuated, V1-G is amplified.
The result is that the control voltage causes the input to “pan”
from one output to the other. The following expressions show
how this circuit works mathematically:
V
G = 2 K × V IN and V I –G = 2(1 – K ) × V IN
where K varies between 0 and 1 as the control voltage is
changed from full attenuation to full gain respectively. When
VC = 0, then K = 0.5 and VG = V1-G = VIN. Again, trimming is
required for best performance. Pin 9 should be grounded. This
is possible because the feedback is constant and the adaptive
network is not needed. The VCP is the only application shown
in this data sheet where Pin 9 is grounded.
VIN
VC
VG
V1–G
18k
Ω
18k
Ω
Figure 48. Basic VCP Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com