Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 5 Page - Analog Devices

  SSM2018 Datasheet HTML 1Page - Analog Devices SSM2018 Datasheet HTML 2Page - Analog Devices SSM2018 Datasheet HTML 3Page - Analog Devices SSM2018 Datasheet HTML 4Page - Analog Devices SSM2018 Datasheet HTML 5Page - Analog Devices SSM2018 Datasheet HTML 6Page - Analog Devices SSM2018 Datasheet HTML 7Page - Analog Devices SSM2018 Datasheet HTML 8Page - Analog Devices SSM2018 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
–5–
SSM2018T/SSM2118T
LOAD RESISTANCE –
Ω
±15
±12
0
100
1k
100k
10k
±9
±6
±3
RF = 18kΩ
TA = +25°C
VS = ±15V
Figure 10. SSM2018T Maximum Output Swing vs.
Load Resistance, (THD = 1 % max)
100
0
40
30
10
–60
20
–80
60
40
50
70
80
90
20
0
–20
–40
TA = +25°C
VS = ±15V
GAIN – dB
Figure 11. SSM2018T Output Offset vs. Gain
+10
0
–15
1k
1M
100k
10k
100
–5
–10
+5
FREQUENCY – Hz
TA = +25°C
VS = ±15V
0
–135
–45
–90
GAIN
PHASE
Figure 12. SSM2018T Gain/Phase vs. Frequency
Figure 7. SSM2018T Noise Density vs. Frequency
0
±15
±5
±5
±10
0
±20
±20
±15
±10
SUPPLY VOLTAGE – Volts
RL = ∞Ω
RL = 10kΩ
RF = 18kΩ
TA = +25°C
Figure 8. SSM2018T Maximum Output Swing vs.
Supply Voltage (THD = 1% max)
FREQUENCY – Hz
RL = ∞
RL = 10k
RF = 18kΩ
TA = +25°C
VS = ±15V
±9
0
1k
10k
100k
±3
±6
±12
±15
Figure 9. SSM2018T Maximum Output Swing vs.
Frequency (THD = 1 % max)
500
300
0
100
100k
10k
1k
10
200
100
400
FREQUENCY – Hz
TA = +25°C
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com