Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2163S Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2163S
Description  Digitally Controlled 8 x 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163S Datasheet(HTML) 2 Page - Analog Devices

  SSM2163S Datasheet HTML 1Page - Analog Devices SSM2163S Datasheet HTML 2Page - Analog Devices SSM2163S Datasheet HTML 3Page - Analog Devices SSM2163S Datasheet HTML 4Page - Analog Devices SSM2163S Datasheet HTML 5Page - Analog Devices SSM2163S Datasheet HTML 6Page - Analog Devices SSM2163S Datasheet HTML 7Page - Analog Devices SSM2163S Datasheet HTML 8Page - Analog Devices SSM2163S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ELECTRICAL SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Units
AUDIO PERFORMANCE
Noise
VIN = GND, 20 kHz Bandwidth
–82
dBu
Headroom
Clip Point = 1% THD+N
+10
dBu
Total Harmonic Distortion Plus Noise
2nd and 3rd Harmonics Only
AV = 0 dB
0.007
0.03
%
AV = –20 dB
0.02
%
AV = 0 dB, VS = +5 V, Single Supply
0.035
%
ANALOG INPUT
Input Impedance
710
15
k
Ω
VOLUME CONTROL
Step Size
1.0
dB
Gain Error
Relative to Same Channel
0 dB Attenuation
0.1
1.0
dB
–20 dB Attenuation
0.1
dB
–40 dB Attenuation
0.25
Gain Match Error
Channel-to-Channel; Same Level Setting
0 dB Attenuation
0.01
dB
–20 dB Attenuation
0.05
dB
–40 dB
0.4
dB
Mute Attenuation
64
dB
ANALOG OUTPUT
Output Impedance
15
Ω
Output Current
500
µA
Minimum Resistive Load
THD = 1%
4
k
Ω
Maximum Capacitive Drive
5000
pF
Offset Voltage
Channel Muted
50
mV
CONTROL SECTION
Logic Input LO
0.8
V
Logic Input HI
2.0
V
Logic Input Current
Logic LO or HI
1
µA
Logic Out LO
IOUT = 0.2 mA
0.4
V
Logic Out HI
IOUT = 0.2 mA
2.4
V
Timing Characteristics
See Timing Diagram
REFERENCE (ACOM)
Output Voltage
VS = +10 V (Single Supply)
4.7
5.0
5.3
V
Output Impedance
10
Ω
Load Regulation
–0.5 mA
≤ I
L
≤ +0.5 mA (Single Supply)
0.2
%
POWER SUPPLIES
Supply Voltage Range
Dual Supply
±4
±7V
Single Supply
+5
+14
V
Supply Current
VS = +10 V (Single Supply)
8
15
mA
Power Supply Rejection Ratio
Delta Gain
0.005
dB/V
Specifications subject to change without notice.
–2–
SSM2163–SPECIFICATIONS
(VS = 5 V, AV = 0 dB, VIN = 0 dBu = 0.775 V rms, fAUDIO = 1 kHz, fCLK = 250 kHz, RL = 100 k ,
–40 C < TA < +85 C, unless otherwise noted. Typical specifications apply at TA = +25 C.)
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com