Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8550TV Datasheet(PDF) 2 Page - ebm-papst

Part # 8550TV
Description  AC axial compact fan
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8550TV Datasheet(HTML) 2 Page - ebm-papst

  8550TV Datasheet HTML 1Page - ebm-papst 8550TV Datasheet HTML 2Page - ebm-papst 8550TV Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AC axial compact fan
8550 TV
Technical features
General description
AC voltage fan with external rotor shaded-pole motor. Protected from overload by
impedance protection.
Impeller and mounting bracket made of metal.
Air exhaust over mounting bracket. Rotational direction clockwise looking at rotor.
Electrical connection to 2 single strands. Strand ends bared and tin-plated.
Mass 370 g.
Please note our new ACmaxx series. With identical fastening dimensions
and voltages, this series achieves higher energy efficiency.
Mass
0.370 kg
Dimensions
76 Ø x 37 mm
Material of impeller
Metal
Direction of air flow
Air exhaust over mounting bracket
Direction of rotation
Right, looking at rotor
Bearing
Sintec sleeve bearing system
Lifetime L10 at 40 °C
52500 h
Lifetime L10 at maximum
temperature
25000 h
Connection line
2 single strands AWG 18, TR 64
Motor protection
Protected from overload using impedance protection
Approval
VDE, CSA, UL, CE
Web data sheet XI · Page 2 of 3
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com