Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8556A Datasheet(PDF) 2 Page - ebm-papst

Part # 8556A
Description  AC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8556A Datasheet(HTML) 2 Page - ebm-papst

  8556A Datasheet HTML 1Page - ebm-papst 8556A Datasheet HTML 2Page - ebm-papst 8556A Datasheet HTML 3Page - ebm-papst 8556A Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC axial compact fan
8556 A
Technical features
General description
AC voltage fan with external rotor motor shaded-pole motor. Protected from overload by
impedance protection.
Fan housing and fan impeller made of metal.
Inlet over bars. Rotational direction clockwise looking at rotor.
Electrical connection to 2 flat plugs 2.8 x 0.5 mm.
Fan housing with grounding lug and tapping screw M4 x 8 (TORX).
Dimensions 490 g.
Optionally available with electrical connection to single strands.
Optionally available with air exhaust over bars, deliverable with clockwise direction of rotation.
Please note our new ACmaxx series. With identical fastening dimensions
and voltages, this series achieves higher energy efficiency.
Mass
0.490 kg
Dimensions
80 x 80 x 38 mm
Material of impeller
Metal
Housing material
Metal
Direction of air flow
Inlet over bars
Direction of rotation
Right, looking at rotor
Bearing
Ball bearings
Lifetime L10 at 40 °C
52500 h
Lifetime L10 at maximum
temperature
15000 h
Connection line
2 flat plugs 2.8 x 0.5 mm
Motor protection
Protected from overload using impedance protection
Approval
VDE, CSA, UL, CE
Web data sheet XI · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com