Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2275P Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2275P
Description  Rail-to-Rail Output Audio Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2275P Datasheet(HTML) 4 Page - Analog Devices

  SSM2275P Datasheet HTML 1Page - Analog Devices SSM2275P Datasheet HTML 2Page - Analog Devices SSM2275P Datasheet HTML 3Page - Analog Devices SSM2275P Datasheet HTML 4Page - Analog Devices SSM2275P Datasheet HTML 5Page - Analog Devices SSM2275P Datasheet HTML 6Page - Analog Devices SSM2275P Datasheet HTML 7Page - Analog Devices SSM2275P Datasheet HTML 8Page - Analog Devices SSM2275P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SSM2275/SSM2475
REV. A
–4–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±15 V
Differential Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . .
±15 V
Storage Temperature Range . . . . . . . . . . . .
65
°C to 150°C
Operating Temperature Range . . . . . . . . . . .
40
°C to 85°C
Junction Temperature Range . . . . . . . . . . . .
65
°C to 150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . .
300
°C
ESD Susceptibility . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2,000 V
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma -
nent damage to the device. This is a stress rating only; the functional operation of
the device at these or any other conditions above those indicated in the opera tional
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2For supplies less than
± 15 V, the input voltage and differential input voltage
must be less than
±15 V.
Package Type
JA*
JC
Units
8-Lead Plastic DIP
103
43
°C/W
8-Lead SOIC
158
43
°C/W
8-Lead microSOIC
206
43
°C/W
14-Lead SOIC
120
36
°C/W
14-Lead TSSOP
180
35
°C/W
*
θJA is specified for the worst case conditions, i.e., for device in socket for DIP
packages and soldered onto a circuit board for surface mount packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
SSM2275P
–40
°C to +85°C
8-Lead PDIP
N-8
SSM2275S
–40
°C to +85°C
8-Lead SOIC
SO-8
SSM2275RM
–40
°C to +85°C
8-Lead microSOIC
RM-8
SSM2475S
–40
°C to +85°C
14-Lead SOIC
R-14
SSM2475RU
–40
°C to +85°C
14-Lead TSSOP
RU-14
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the SSM2275/SSM2475 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
FREQUENCY – Hz
100
80
–40
10
1M
100
1k
10k
100k
60
40
20
0
–20
10M 40M
225
180
–90
135
90
45
0
–45
VS = 2.5V
RL = 2k
CL = 10pF
Figure 1. Phase/Gain vs. Frequency
FREQUENCY – Hz
100
80
–40
10
1M
100
1k
10k
100k
60
40
20
0
–20
10M 40M
225
180
–90
135
90
45
0
–45
VS = 2.5V
RL = 600
CL = 10pF
Figure 2. Phase/Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com