Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF20545SF Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DSF20545SF
Description  Fast Recovery Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DSF20545SF Datasheet(HTML) 2 Page - Dynex Semiconductor

  DSF20545SF Datasheet HTML 1Page - Dynex Semiconductor DSF20545SF Datasheet HTML 2Page - Dynex Semiconductor DSF20545SF Datasheet HTML 3Page - Dynex Semiconductor DSF20545SF Datasheet HTML 4Page - Dynex Semiconductor DSF20545SF Datasheet HTML 5Page - Dynex Semiconductor DSF20545SF Datasheet HTML 6Page - Dynex Semiconductor DSF20545SF Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
www.dynexsemi.com
DSF20545SF
SURGE RATINGS
Conditions
Max.
Units
16
kA
1280 x 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
Parameter
Symbol
10ms half sine; with 0% V
RRM, Tj = 150
oC
12.8
kA
819.2 X 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
10ms half sine; with 50% V
RRM, Tj = 150
oC
-kA
-A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
10ms half sine; with 100% V
RRM, Tj = 150
oC
CURRENT RATINGS
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load, T
case = 65
oC
1256
A
T
case = 65
oC
1971
A
T
case = 65
oC
1765
A
Half wave resistive load, T
case = 65
oC
995
A
T
case = 65
oC
1552
A
T
case = 65
oC
1335
A
DEFINITION OF K FACTOR AND Q
RA1
0.5x I
RR
I
RR
dI
R/dt
t
1
t
2
τ
Q
RA1 = 0.5x IRR(t1 + t2)
k = t
1/t2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com