Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT40QPX45 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # PT40QPX45
Description  Pulse Power Thyristor Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

PT40QPX45 Datasheet(HTML) 2 Page - Dynex Semiconductor

  PT40QPX45 Datasheet HTML 1Page - Dynex Semiconductor PT40QPX45 Datasheet HTML 2Page - Dynex Semiconductor PT40QPX45 Datasheet HTML 3Page - Dynex Semiconductor PT40QPX45 Datasheet HTML 4Page - Dynex Semiconductor PT40QPX45 Datasheet HTML 5Page - Dynex Semiconductor PT40QPX45 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PT40QPx45
2/6
Clamping force 12.0kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.008
Double side
-
oC/W
SURGE RATINGS
Conditions
10ms half sine; T
case = 125
oC
V
R = 50% VRRM - 1/4 sine
10ms half sine; T
case = 125
oC
V
R = 0
Max.
Units
Symbol
Parameter
I
TSM
Surge (non-repetitive) on-state current
I
2tI2t for fusing
I
TSM
Surge (non-repetitive) on-state current
I
2t
I
2t for fusing
845 x 10
3
A
2s
13.0
kA
541 x 103
A2s
10.4
kA
THERMAL AND MECHANICAL DATA
dc
Conditions
Min.
Max.
Units
125
oC
T
vj
Virtual junction temperature
T
stg
Storage temperature range
Reverse (blocking)
-
Thermal resistance - junction to case
R
th(j-c)
Symbol
Parameter
Clamping force
11.0
15.0
kN
–55
125
oC
-
On-state (conducting)
-
135
oC
Double side cooled
-
0.033
oC/W
DYNAMIC CHARACTERISTICS
Parameter
Symbol
Conditions
Typ.
Max.
Units
I
RRM/IDRM
Peak reverse and off-state current
At V
RRM/VDRM, Tcase = 125
oC
From 67% V
DRM
to 20kA
Gate source 30A
t
r = 1.5µs, Tj = 25
oC
dV/dt
Maximum linear rate of rise of off-state voltage
To 67% V
DRM Tj = 125
oC. R
gk ≤ 1.5Ω
-50
mA
-
200
V/
µs
Non-repetitive
-
5000
A/
µs
Rate of rise of on-state current
dI/dt
V
T(TO)
Threshold voltage
At T
vj = 125
oC
r
T
On-state slope resistance
At T
vj = 125
oC
1.4
-V
-
0.152
m
Ω
GATE TRIGGER CHARACTERISTICS AND RATINGS
V
DRM = 5V,
T
case = 25
oC
Conditions
Parameter
Symbol
V
GT
Gate trigger voltage
V
DRM = 5V, Tcase = 25
oC
I
GT
Gate trigger current
4.0
V
1.5
A
Max.
Units
1.0
-
Typ.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com