Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9237 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9237
Description  N Female to LC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9237 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9237 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9237 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female to LC Male Adapter
Configuration
Connector 1
N Female
Connector Specification 1
MIL-STD-348
Connector 2
LC Male
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
5,000
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
2.82 [71.63]
Width/Dia., in [mm]
1.625 [41.28]
.
Dielectric Type
Teflon
Connector 1
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Nickel
Connector 2
Type
LC Male
Inner Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, mm
42
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-lc-male-straight-adapter-pe9237-p.aspx
N Female to LC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
N Female to LC Male Adapter
PE9237
PE9237 REV


Similar Part No. - PE9237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9233 PASTERNACK-PE9233 Datasheet
77Kb / 1P
BNC MALE TO 75 OHM SMC JACK
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
More results

Similar Description - PE9237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE9181 PASTERNACK-PE9181 Datasheet
235Kb / 2P
LC Male to HN Female Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
N Female to LC Female Adapter
PE9299 PASTERNACK-PE9299 Datasheet
233Kb / 2P
N Male to LC Female Adapter
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
N Male to N Female Adapter
PE9398 PASTERNACK-PE9398 Datasheet
241Kb / 2P
LC Male to LC Female Right Angle Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
LC Female to HN Male Adapter
PE9419 PASTERNACK-PE9419 Datasheet
240Kb / 2P
LC Female to LC Female Adapter
PE9569 PASTERNACK-PE9569 Datasheet
239Kb / 2P
LC Male to LC Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com