Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP36GRT Datasheet(PDF) 13 Page - Analog Devices

Part # TMP36GRT
Description  Low Voltage Temperature Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP36GRT Datasheet(HTML) 13 Page - Analog Devices

Back Button TMP36GRT Datasheet HTML 8Page - Analog Devices TMP36GRT Datasheet HTML 9Page - Analog Devices TMP36GRT Datasheet HTML 10Page - Analog Devices TMP36GRT Datasheet HTML 11Page - Analog Devices TMP36GRT Datasheet HTML 12Page - Analog Devices TMP36GRT Datasheet HTML 13Page - Analog Devices TMP36GRT Datasheet HTML 14Page - Analog Devices TMP36GRT Datasheet HTML 15Page - Analog Devices TMP36GRT Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. C
TMP35/TMP36/TMP37
–13–
Driving Long Cables or Heavy Capacitive Loads
Although the TMP3x family of temperature sensors is capable
of driving capacitive loads up to 10,000 pF without oscillation,
output voltage transient response times can be improved with
the use of a small resistor in series with the output of the temperature
sensor, as shown in Figure 12. As an added benefit, this resistor
forms a low-pass filter with the cable’s capacitance, which helps
to reduce bandwidth noise. Since the temperature sensor is
likely to be used in environments where the ambient noise level
can be very high, this resistor helps to prevent rectification by the
devices of the high frequency noise. The combination of this
resistor and the supply bypass capacitor offers the best protection.
TMP3x
0.1 F
GND
+VS
750
LONG CABLE OR
HEAVY CAPACITIVE
LOADS
VOUT
Figure 12. Driving Long Cables or Heavy Capacitive Loads
Commentary on Long-Term Stability
The concept of long-term stability has been used for many years
to describe by what amount an IC’s parameter would shift dur-
ing its lifetime. This is a concept that has been typically applied
to both voltage references and monolithic temperature sensors.
Unfortunately, integrated circuits cannot be evaluated at room
temperature (25
°C) for 10 years or so to determine this shift. As
a result, manufacturers very typically perform accelerated life-
time testing of integrated circuits by operating ICs at elevated
temperatures (between 125
°C and 150°C) over a shorter period
of time (typically, between 500 and 1000 hours).
As a result of this operation, the lifetime of an integrated circuit
is significantly accelerated due to the increase in rates of reac-
tion within the semiconductor material.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com