Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS124 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS124
Description  MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS124 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS124 Datasheet HTML 1Page - Advanced Monolithic Systems AMS124 Datasheet HTML 2Page - Advanced Monolithic Systems AMS124 Datasheet HTML 3Page - Advanced Monolithic Systems AMS124 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS124
ABSOLUTE MAXIMUM RATINGS (Note 1)
Reverse Current
5mA
Storage temperature
-65
°C to +150°C
Forward Current
10mA
Internal Power Dissipation (PD)
Lead Temperature
SOT-23 Package
0.28W
SOT-23 packages:
Thermal Resistance (
θ
JA)
Vapor phase (60 sec)
215
°C
SOT-23 Package
410
°C/W
Infrared (15 sec.)
220
°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR =500
µA and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS124A
Min.
Typ.
Max.
AMS124B
Min.
Typ.
Max.
Units
Output Voltage
1.220
1.235
1.250
1.220
1.235
1.250
V
Output Impedance
0.6
2
0.6
2
Ω
RMS Noise Voltage
10Hz
≤ f ≤ 10kHz
5
5
µV
rms
Temperature Coefficient
TA = Full Range
50
100
ppm/
°C
Turn-On Settling
0.1% of VOUT
15
15
µsec
Operating Current
(Note 3)
0.05
4
0.05
4
mA
Note1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
Note 3: Optimum performance is obtained at currents below 500
µA.
TYPICAL APPLICATIONS
Shunt Regulator
Precision 1
µµA to 1mA Current Sources
AMS124
I
Q
I
Q + IL
I
L
R
S
V
R
V
S
8
4
3
2
+
-
1/2
LMC6062
1
AMS124
R2
R1
20k
-15V
-1.0V TO -12V
I
OUT*
IOUT=1.2V/R2
8
4
3
2
+
-
1/2
LMC6062
1
R2
R1
20k
12V
1.0V TO 12V
I
OUT*
AMS124



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com