Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS255 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS255
Description  MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS255 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS255 Datasheet HTML 1Page - Advanced Monolithic Systems AMS255 Datasheet HTML 2Page - Advanced Monolithic Systems AMS255 Datasheet HTML 3Page - Advanced Monolithic Systems AMS255 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS255
TYPICAL APPLICATIONS
Precision 1
µµA to 1mA Current Sources
8
4
3
2
+
-
1/2
LMC6062
1
AMS255
R2
R1
20k
-15V
-1.0V TO -12V
I
OUT*
IOUT=2.5V/R2
8
4
3
2
+
-
1/2
LMC6062
1
R2
R1
20k
12V
1.0V TO 12V
I
OUT*
AMS255
TYPICAL PERFORMANCE CHARACTERISTICS
-40
-20
0
20
40
60
80
-0.5
+0.5
0
100
-0.1
-0.2
-0.3
-0.4
+0.4
+0.3
+0.2
+0.1
Temperature Drift for Different
Average Temperature Coefficient
TEMPERATURE ( ° C)
I
R = 150 µ A
0
2
4
6
8
0
80
40
Reverse Characteristics and
Minimum Operating Current
10
REVERSE VOLTAGE (V)
20
120
100
T
J =25° C
0.1
1
10
100
1k
100
1k
10k
100k
Ouput Impedance vs Frequency
FREQUENCY (Hz)
1M
0.1
1
10
100
1k
100
1k
10k
100k
FREQUENCY (Hz)
1M
1
10
100
1k
10k
0.1
5.0
1.0
Noise Voltage vs Frequency
100k
FREQUENCY (Hz)
0.2
10
2.0
T
J =25° C, ∆IR= 0.1I R
I
R= I RMIN+100 µA
I
R = 200 µ A
T
J =25° C
0.5
Ouput Impedance vs Frequency
60
+12ppm/° C
-51ppm/° C
-22ppm/° C
I
R= 100 mA
T
J =25° C, ∆IR= 0.1I R
C
L= 0
C
L= 1 µF
TANTALUM
C
L= 1 µF
TANTALUM
C
L= 0
XC
L
XC
L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com