Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS285 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS285
Description  ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS285 Datasheet HTML 1Page - Advanced Monolithic Systems AMS285 Datasheet HTML 2Page - Advanced Monolithic Systems AMS285 Datasheet HTML 3Page - Advanced Monolithic Systems AMS285 Datasheet HTML 4Page - Advanced Monolithic Systems AMS285 Datasheet HTML 5Page - Advanced Monolithic Systems AMS285 Datasheet HTML 6Page - Advanced Monolithic Systems AMS285 Datasheet HTML 7Page - Advanced Monolithic Systems AMS285 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS285/AMS385
ABSOLUTE MAXIMUM RATINGS
Reverse Current
30mA
Storage temperature
-55
°C to +150°C
Forward Current
10mA
Soldering information
Operating Temperature Range
TO-92 package: 10 sec.
260
°C
AMS285
-40
°C to 85°C
SOIC package: Vapor phase (60 sec)
215
°C
AMS385
0
°C to 70°C
Infrared (15 sec.)
220
°C
SOT-89 package: 10 sec.
265
°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100
µA, and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS285A
Min
Typ
Max
AMS285B
Min
Typ
Max
AMS285C
Min
Typ
Max
Units
Reference Voltage
IR =100 µA
1.228
1.240
1.252
1.215
1.240
1.265
1.215
1.240
1.265
V
Dynamic Output
Impedance
IAC =0.1IR, f = 20Hz
VOUT = VREF
VOUT = 5.3V
0.3
0.7
0.3
0.7
0.3
0.7
Ω
Reference Voltage
Change with Current
10
µA ≤IR ≤1mA
1mA
≤IR ≤20mA
0.2
4
1.0
10
0.2
4
1.0
10
0.2
4
1.0
10
mV
mV
Min. Operating
Current (Note 4)
VOUT = VREF
VOUT = 5.3V
6
30
9
45
6
30
9
45
6
30
9
45
µA
µA
Wide Band Noise
(Note 5)
10Hz
≤ f ≤ 10kHz
VOUT = VREF
VOUT = 5.3V
50
170
50
170
50
170
µV
rms
µV
rms
Temperature Coeff.
(Note 6)
25
50
100
150
ppm/°C
Long Term Stability
(Note 5)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100
µA, and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS285A
Min
Typ
Max
AMS285B
Min
Typ
Max
AMS285C
Min
Typ
Max
Units
Reference Voltage
IR =100 µA
1.228
1.240
1.252
1.215
1.240
1.265
1.215
1.240
1.265
V
Dynamic Output
Impedance
IAC =0.1IR, f = 20Hz
VOUT = VREF
VOUT = 5.3V
0.3
0.7
0.3
0.7
0.3
0.7
Ω
Reference Voltage
Change with Current
10
µA ≤IR ≤1mA
1mA
≤IR ≤20mA
0.2
4
1.0
10
0.2
4
1.0
10
0.2
4
1.0
10
mV
mV
Min. Operating
Current (Note 4)
VOUT = VREF
VOUT = 5.3V
6
30
9
45
6
30
9
45
6
30
9
45
µA
µA
Wide Band Noise
(Note 5)
10Hz
≤ f ≤ 10kHz
VOUT = VREF
VOUT = 5.3V
50
170
50
170
50
170
µV
rms
µV
rms
Temperature Coeff.
(Note 6)
25
50
100
150
ppm/°C
Long Term Stability
(Note 5)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com