Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0415CDMCBDS-R47MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # 0415CDMCBDS-R47MC
Description  Magnetically shielded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0415CDMCBDS-R47MC Datasheet(HTML) 2 Page - Sumida Corporation

  0415CDMCBDS-R47MC Datasheet HTML 1Page - Sumida Corporation 0415CDMCBDS-R47MC Datasheet HTML 2Page - Sumida Corporation 0415CDMCBDS-R47MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Revised: 13-Mar-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0415CDMCB/DS
0
2
4
6
8
10
12
0.0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
1
2
3
4
5
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
1
2
3
4
5
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
3
6
9
12
15
0
10
20
30
40
50
60
1. 0415CDMCBDS-R33MC
△T (℃)
L (
μH)
2. 0415CDMCBDS-R47MC
△T (℃)
L (
μH)
3. 0415CDMCBDS-1R0MC
L (
μH)
DC (A)
5. 0415CDMCBDS-2R2MC
△T (℃)
L (
μH)
6. 0415CDMCBDS-3R3MC
DC (A)
4. 0415CDMCBDS-1R5MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
Saturation Current & Temperature Rise Graph
7. 0415CDMCBDS-4R7MC
△T (℃)
L (
μH)
8. 0415CDMCBDS-6R8MC
△T (℃)
L (
μH)
DC (A)
9. 0415CDMCBDS-100MC
DC (A)
DC (A)
△T (℃)
L (
μH)
L (20
℃)
△T



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com