Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2942AS Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS2942AS
Description  HIGH VOLTAGE LOW DROPOUT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2942AS Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS2942AS Datasheet HTML 1Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 2Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 3Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 4Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 5Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 6Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS2942
TYPICAL PERFORMANCE CHARACTERISTICS
0
40
100
60
160
0
1
2
3
4
5
6
7
8
INPUT VOLTAGE (V)
Quiescent Current
0.1
1
10
100
LOAD CURRENT (mA)
0.01
0.1
1
10
Quiescent Current
-75
0
25 50 75 100 125
10
150
Quiescent Current
TEMPERATURE (° C)
9
8
7
-50 -25
I
L= 100mA
20
80
140
120
I
L= 1 mA
I
L= 0
V
IN= VOUT+1V
-75
0
25 50 75 100 125
170
140
150
Short Circuit Current
TEMPERATURE (° C)
150
120
110
-50 -25
-75
0
25 50 75 100 125
600
150
Dropout Voltage
TEMPERATURE (° C)
400
100
0
-50 -25
I
L= 100mA
100
130
160
100
µA
1mA
10mA
100mA
OUTPUT CURRENT
0
500
Dropout Voltage
500
300
50
400
300
200
100
~
~
I
L= 100µA
T
J = 25°C
-75
0
25 50 75 100 125
2.2
150
Minimum Operating Voltage
TEMPERATURE (° C)
-50 -25
-75
0
25 50 75 100 125
20
150
Feedback Bias Current
TEMPERATURE (° C)
0
-30
-50 -25
-2.0
-1.5 -1.0
-0.5
0
0.5
-250
50
-50
-150
Feedback Pin Current
1.0
FEEDBACK VOLTAGE (V)
-200
0
-100
2.1
2.0
1.9
1.8
1.7
1.6
10
-10
-20
T
A = 125°C
T
A = 25°C
T
A = -55°C
PIN 7 DRVEN BY EXTERNAL
SOURCE (REGULATOR RUN
OPEN LOOP)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com