Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-1-4SFHC Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE-1-4SFHC
Description  Low Loss 1/4 Superflexible Helical Corrugated Coax Cable with Black PE Jacket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-1-4SFHC Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE-1-4SFHC Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-1-4SFHC Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-1-4SFHC Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-1-4SFHC Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pasternack Enterprises, Inc. • P.O. Box 16759, Irvine, CA 92623
Phone: (866) 727-8376 or (949) 261-1920 • Fax: (949) 261-7451
Sales@Pasternack.com • Techsupport@Pasternack.com
3
TECHNICAL DATA SHEET
The information contained in this document is accurate to the best of our knowledge and representative of the part described
herein. It may be necessary to make modifications to the part and/or the documentation of the part, in order to implement improve-
ments. Pasternack reserves the right to make such changes as required. Unless otherwise stated, all specifications are nominal.
© 2012 Pasternack Enterprises All Rights Reserved
Mechanical Specifications
Inner Conductor: Number of Strands
1
Material
Copper Clad Aluminum
Diameter, in [mm]
0.075 [1.91]
Dielectric:
Type
Foam PE
Diameter, in [mm]
0.173 [4.39]
Shield:
Number of
1
Material 1
Helically Corrugated Copper Tube
Diameter, in [mm]
0.256 [6.50]
Jacket:
Material
PE
Diameter, in [mm]
0.303 [7.70]
Color
Black
Repeated Minimum Bend Radius, in [mm]
1 [25.40]
One Time Minimum Bend Radius, in [mm]
0.5 [12.70]
Minimum Number of Bends
20
Tensile Strength, Lbs [Kg]
79 [35.83]
Weight, Lbs/ft [Kg/m]
0.048 [0.07]
Temperature Operating Range, deg C
-55 to +85
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Other Data
URL: http://www.pasternack.com/50-ohm-low-loss-corrugated-1-4-superflexible-helical-coax-pe-1-4sfhc-p.aspx
Low Loss 1/4 Superflexible Helical Corrugated Coax Cable with Black PE Jacket from Pasternack Enterprises has same
day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE-1/4SFHC
Low Loss 1/4 Superflexible Helical Corrugated Coax Cable with
Black PE Jacket
PE-1/4SFHC REV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com