Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1521 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1521
Description  Low Noise Amplifier 2 ??6 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1521 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1521 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1521 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PO Box 16759
Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: techsupport@pasternack.com
PE1521
Low Noise Amplifier
2 – 6 GHz
(1) Pasternack reserves the right to change specifications or information without notice.
www.pasternack.com
1 of 2
Product Features
•
2 – 6 GHz frequency range
•
3 dB Noise Figure
•
25 db Typical Gain
•
0.5 Typical dB Gain Flatness
•
100mA at +12VDC
Description
The PE1521 low noise amplifier is designed for
applications within the 2 to 6 GHz frequency range.
High efficiency operation is achieved by using low-
noise GaAs PHEMT devices. This amplifier is a cost
effective solution that offers typical performance of 25
dB gain, 0.5 dB gain flatness and a 3 dB noise figure.
Electrical Specifications (1)
Parameter
Units
Value
Description
Impedance
Ohms
50
Frequency
GHz
2.0 to 6.0
Small Signal Gain
dB
25
Typical
Gain Flatness
dB
1
Maximum
Pout at 1dB Gain Compression (P1dB)
dBm
15
Typical
Noise Figure
dB
3
Typical
VSWR, In
-
2:1
Maximum
VSWR, Out
-
2:1
Maximum
Vdc (internal regulator)
Volts
+11 to 15
Typical
Idc
mA
120
Maximum
Mechanical Specifications (1)
Parameter
Units
Value
Description
Operating Temperature
Celsius
-30º to +70º
Input Connector
-
SMA Female
Output Connector
-
SMA Female
Case Style
PMN715
Ordering Information
Part Number
Description
PE1521
Low Noise Amplifier, 2 – 6 GHz


Similar Part No. - PE1521

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1520 PASTERNACK-PE1520 Datasheet
390Kb / 2P
Low Noise Amplifier 2 ??4 GHz
logo
SHENZHEN DOINGTER SEMIC...
PE1520 DOINGTER-PE1520 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Pasternack Enterprises,...
PE1522 PASTERNACK-PE1522 Datasheet
202Kb / 2P
Low Noise Amplifier 4 ??8 GHz
PE1523 PASTERNACK-PE1523 Datasheet
342Kb / 2P
Low Noise Amplifier 6 ??18 GHz
PE1524 PASTERNACK-PE1524 Datasheet
400Kb / 2P
Low Noise Amplifier 2 ??18 GHz
More results

Similar Description - PE1521

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD228-2 MMIC-CMD228-2 Datasheet
208Kb / 10P
2-6 GHz Low Noise Amplifier
CMD228P4 MMIC-CMD228P4 Datasheet
237Kb / 10P
2-6 GHz Low Noise Amplifier
CMD283 MMIC-CMD283 Datasheet
225Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
CMD283C3 MMIC-CMD283C3 Datasheet
248Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
CMD308 MMIC-CMD308 Datasheet
221Kb / 12P
2-6 GHz Low Noise Amplifier
CMD308P4 MMIC-CMD308P4 Datasheet
239Kb / 12P
2-6 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD283C3 QORVO-CMD283C3 Datasheet
248Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
CMD283 QORVO-CMD283 Datasheet
225Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
CMD308 QORVO-CMD308 Datasheet
328Kb / 13P
2-6 GHz Low Noise Amplifier
August 19, 2021
CMD308P4 QORVO-CMD308P4 Datasheet
335Kb / 13P
2-6 GHz Low Noise Amplifier
August 19, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com