Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2930CS Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS2930CS
Description  150mA LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2930CS Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS2930CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 8Page - Advanced Monolithic Systems AMS2930CS Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS2930
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-5
5
20
10
35
-20 -10
0
10
20
30
40
50
60
INPUT VOLTAGE (V)
Quiescent Current
0
15
30
25
5V OUTPUT
I
O= 10mA
FREQUENCY (Hz)
0.01
10
Output Impedance
10k
1M
1
100
0.1
1
Operation During Load Dump
TIME (ms)
τ =150ms
-100
0
100
200
300
400
500
-2
0
6
0
10
50
70
C
O= 100µF
1.20
1.30
Reference Voltage
1.12
1.14
1.16
1.18
1.22
1.24
1.26
1.28
OUTPUT VOLTAGE (V)
3
6
9
12
15
18
21
24
0
1.10
~
~
AMS2930C ADJUSTABLE
Maximum Power Dissipation (TO-220)
AMBIENT TEMPERATURE (° C)
0 10
40
60
80
0
12
14
18
22
20
16
10
8
6
4
2
NO HEAT SINK
10° C/W HEAT SINK
45
55
70
60
85
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Ripple Rejection
50
65
80
75
C2 = 100
µF
ALUM
I
O= 10mA
45
20
80
0
50
100
150
OUTPUT CURRENT (mA)
Ripple Rejection
40
60
5V OUTPUT
F
Q= 120Hz
1k
10
100k
2
4
~
~
40
30
20
60
20 30
50
70
90 100
0.5
1.0
Maximum Power Dissipation (SO-8)
0.1
0.2
0.3
0.4
0.6
0.7
0.8
0.9
AMBIENT TEMPERATURE (° C)
10 20 30 40 50 60 70 80 90
0
0
0.5
1.0
Maximum Power Dissipation (TO-92)
0.1
0.2
0.3
0.4
0.6
0.7
0.8
0.9
AMBIENT TEMPERATURE (° C)
0.125" Lead Lenght
from PC Board
10 20 30 40 50 60 70 80
0
0
INFINITE HEAT SINK
0.4" Lead
Lenght from
PC Board
R
L= 500Ω
AMS2930-5.0
I
O = 10mA
AMS2930-5.0
C2 = 100
µF
TANTALUM
I
O= 50mA
I
O= 150mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com