Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS34063P Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS34063P
Description  DC-TO-DC CONVERTER CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS34063P Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS34063P Datasheet HTML 1Page - Advanced Monolithic Systems AMS34063P Datasheet HTML 2Page - Advanced Monolithic Systems AMS34063P Datasheet HTML 3Page - Advanced Monolithic Systems AMS34063P Datasheet HTML 4Page - Advanced Monolithic Systems AMS34063P Datasheet HTML 5Page - Advanced Monolithic Systems AMS34063P Datasheet HTML 6Page - Advanced Monolithic Systems AMS34063P Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS34063
ABSOLUTE MAXIMUM RATINGS (Note 1)
Power Supply Voltage, VCC
40V
Driver Collector Voltage, VC(driver)
40V
Comparator Input Voltage Range, VIR
-0.3V to +40V
Switch Current, ISW
1.5A
Switch Collector Voltage, VC(switch)
40V
Power Dissipation
(Note 3)
Switch Emitter Voltage, VE(switch)
40V
Maximum Junction Temperature
+125
°C
Switch Collector to Emitter Voltage, VCE(switch)
40V
Storage Temperature
-65
°C to +150°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VCC = 5.0V, -40
°C ≤T
A
≤+85°C, unless otherwise noted.
PARAMETER
CONDITIONS
Min.
AMS34063
Typ.
Max.
Units
Oscillator
Charging Current
5.0V
≤ V
CC
≤ 40V, T
A= 25
°C
20
35
50
µA
Discharge Current
5.0V
≤ V
CC
≤ 40V, T
A= 25
°C
150
200
250
µA
Voltage Swing
TA= 25
°C
0.5
VP-P
Discharge to Charge Current
Ratio
IPK(sense) = VCC, TA= 25
°C
6.0
_
Current Limit Sense Voltage
ICHG = IDISCHG, TA= 25
°C
250
300
350
mV
Output Switch (Note 2)
Saturation Voltage, Darlington
Connection
ISW = 1.0A, VC(driver) = VC(switch)
1.0
1.3
V
Saturation Voltage
ISW = 1.0A, IC(driver) = 50mA, (Forced
β ≈ 20)
0.45
0.7
V
DC Current Gain
ISW = 1.0A, VCE = 5.0V, TA= 25
°C
35
120
Collector Off-State Current
VCE = 40V, TA= 25
°C
10
nA
Comparator
Threshold Voltage
1.18
1.25
1.32
V
Threshold Voltage Line
Regulation
3.0V
≤ V
CC
≤ 40V
0.04
0.2
mV/V
Input Bias Current
VIN = 0V
40
400
nA
Total Device
Supply Current
5.0V
≤ V
CC
≤ 40V, I
PK(sense) = VCC ,
CT = 0.001
µF, V pin 5 > V
th,
Pin 2 = Gnd, Remaining pins open
2.4
3.5
mA
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. For guaranteed performance limits and associated test
conditions, see the Electrical Characteristics tables.
Note 2: To minimize power dissipation, low duty cycle pulse testing is used.
Note 3: Power dissipation at TA = 25
°C is equal to 1.0W for the 8 lead P DIP package and 625mW for the SO-8 package. For operation at temperatures above
TA = 25
°C derate the power dissipation at 10mW/°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com