Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4040 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS4040
Description  MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4040 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS4040 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4040 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4040 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4040 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4040 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4040 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS4040
ABSOLUTE MAXIMUM RATINGS (Note 1)
Reverse Current
100mA
Internal Power Dissipation (PD)
Forward Current
10mA
TO-92 Package
0.78W
Storage temperature
-65
°C to +150°C
SO-8 Package
0.71W
Lead Temperature
SOT-89 Package
0.91W
TO-92 package (Soldering 10 sec.)
265
°C
SOT-23 Package
0.28W
SO-8 and SOT-23 packages:
Thermal Resistance (
θ
JA)
Vapor phase (60 sec)
215
°C
TO-92 Package
160
°C/W
Infrared (15 sec.)
220
°C
SO-8 Package
175
°C/W
SOT-89 package (Soldering 10 sec.)
265
°C
SOT-89 Package
110
°C/W
SOT-23 Package
410
°C/W
Note1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR =100
µA and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS4040A
Min
Typ
Max
AMS4040B
Min
Typ
Max
AMS4040C
Min
Typ
Max
Units
Reverse Breakdown
Voltage
2.494
2.500
2.506
2.488
2.500
2.512
2.475
2.500
2.525
V
Deviation of Reverse
Breakdown Voltage over
Temperature
TA = Full Range
8.0
17
8.0
17
8.0
25
mV
Reverse Breakdown
Voltage Change with
IRMIN
≤ I
R
≤ 1mA
0.3
0.8
1.0
0.3
0.8
1.0
0.3
0.8
1.0
mV
Operating Current
Change
1mA
≤ I
R
≤ 15mA
2.5
6.0
8.0
2.5
6.0
8.0
2.5
6.0
8.0
mV
Reverse Breakdown
Voltage Long Term
Stability
TA=25°C±.1°C
T = 1000 Hr
120
120
120
ppm
Wide Band Noise
10HZ
≤ f ≤ 10kHz
35
35
35
µV
rms
Reverse Dynamic
Impedance
IR = 1mA, f = 120Hz,
IAC = 0.1IR
0.25
0.5
0.25
0.5
0.25
0.5
Ω
Minimum Operating
Current
80
2500
80
250
80
250
µA
Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
TYPICAL APPLICATIONS
Shunt Regulator
AMS4040-2.5
I
Q
I
Q + IL
I
L
R
S
V
R
V
S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com