Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04023C151MAT2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 04023C151MAT2A
Description  X7R Dielectric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04023C151MAT2A Datasheet(HTML) 1 Page - AVX Corporation

  04023C151MAT2A Datasheet HTML 1Page - AVX Corporation 04023C151MAT2A Datasheet HTML 2Page - AVX Corporation 04023C151MAT2A Datasheet HTML 3Page - AVX Corporation 04023C151MAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
17
X7R Dielectric
General Specifications
X7R formulations are called “temperature stable” ceramics and
fall into EIA Class II materials. X7R is the most popular of these
intermediate dielectric constant materials. Its temperature varia-
tion of capacitance is within ±15% from -55°C to +125°C. This
capacitance change is non-linear.
Capacitance for X7R varies under the influence of electrical op-
erating conditions such as voltage and frequency.
X7R dielectric chip usage covers the broad spectrum of
industrial applications where known changes in capacitance
due to applied voltages are acceptable.
PART NUMBER (see page 2 for complete part number explanation)
10
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature
°C
X7R Dielectric�
Typical Temperature Coefficient
5
0
-5
-10
-15
-20
-25
+10
+20
+30
0
-10
-20
-30
1KHz
10 KHz
100 KHz
1 MHz
10 MHz
Frequency
Capacitance vs. Frequency
1,000
10,000
100
0
0
20
120
40
60
80
Temperature
°C
Insulation Resistance vs Temperature
100
10
100
1000
Frequency, MHz
Variation of Impedance with Cap Value�
Impedance vs. Frequency�
1,000 pF vs. 10,000 pF - X7R�
0805�
�
0.10
0.01
1.00
1,000 pF
10,000 pF
10.00
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size�
Impedance vs. Frequency�
100,000 pF - X7R�
�
�
0.1
.01
1.0
1206
0805
10
1210
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size�
Impedance vs. Frequency�
10,000 pF - X7R�
�
�
0.1
.01
1.0
1206
0805
10
1210
0805
Size
(L" x W")
5
Voltage
4V = 4
6.3V = 6
10V = Z
16V = Y
25V = 3
50V = 5
100V = 1
200V = 2
500V = 7
C
Dielectric
X7R = C
103
Capacitance
Code (In pF)
2 Sig. Digits +
Number of Zeros
M
Capacitance
Tolerance
J = ± 5%*
K = ±10%
M = ± 20%
*≤1μF only,
contact factory for
additional values
2
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
Contact
Factory For
Multiples
A
Special
Code
A = Std.
Product
T
Terminations
T = Plated Ni
and Sn
7 = Gold Plated*
Z = FLEXITERM®**
A
Failure
Rate
A = Not
Applicable
*Optional termination
**See FLEXITERM®
X7R section
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
Contact factory for non-specified capacitance values.


Similar Part No. - 04023C151MAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023C151KA72A AVX-04023C151KA72A Datasheet
131Kb / 4P
X7R Dielectric
04023C151KAT2A AVX-04023C151KAT2A Datasheet
137Kb / 4P
X7R Dielectric
More results

Similar Description - 04023C151MAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023C102KAT7A AVX-04023C102KAT7A Datasheet
131Kb / 4P
X7R Dielectric
04023C122KAT2A AVX-04023C122KAT2A Datasheet
131Kb / 4P
X7R Dielectric
04023C152KAT2A AVX-04023C152KAT2A Datasheet
131Kb / 4P
X7R Dielectric
0402YC471KAT4A AVX-0402YC471KAT4A Datasheet
131Kb / 4P
X7R Dielectric
12101C225KAT2A AVX-12101C225KAT2A Datasheet
131Kb / 4P
X7R Dielectric
12105C475KAT2A AVX-12105C475KAT2A Datasheet
131Kb / 4P
X7R Dielectric
12061C103KAT2A AVX-12061C103KAT2A Datasheet
131Kb / 4P
X7R Dielectric
12102C103KAT2A AVX-12102C103KAT2A Datasheet
131Kb / 4P
X7R Dielectric
08052C332KAT2A AVX-08052C332KAT2A Datasheet
131Kb / 4P
X7R Dielectric
logo
AVAGO TECHNOLOGIES LIMI...
0603ZC124KAT2A AVAGO-0603ZC124KAT2A Datasheet
81Kb / 4P
X7R Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com