Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW153KB Datasheet(PDF) 1 Page - SL Power Electronics

Part # MW153KB
Description  Universal 25-40 Watt Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW153KB Datasheet(HTML) 1 Page - SL Power Electronics

  MW153KB Datasheet HTML 1Page - SL Power Electronics MW153KB Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MW153KB
Universal 25-40 Watt Series
LineandLoad
LineVoltage+/-1%
Regulation(Excludingcord)
LoadVoltage+/-5%
Ripple
1%Vp-pmax.
TransientResponse
0.5msfor50%
LoadchangeTypical
Protection
Over-currentProtection
(Hiccup)
ShortCircuitProtection
Output Specifications
InputVoltageRange
Universalinput
100-240VAC-10%,+10%
LineFrequency
47-63Hz
InputCurrent
90VACInput
0.4Amax.
Protection
InternalPrimary
CurrentFuse,
InrushLimiting
Input Specifications
ThermalPerformance Operatingtemperature 0°Cto40°C
fullload,noderating
convectionalcooling
Nonventedcase
RelativeHumidity
Non-condensing
5%to95%
Altitude
0-10,000feet
Environmental Specifications
Topology
Switching-Fixed
FrequencyFlyback
Efficiency
DesignedtoMeetEISA
Requirements—see
reverseside
Hold-upTime
@115VAC
18msmin.
DielectricWithstand
4,000VACor5,656VDC
Primary-Secondary;
1,500VACor2,150VDC
Primary-F.G;500VDC
Secondary-F.G
StorageTemp
-30°Cto85°C
Approvalsand
UL60601-1
SafetyStandards
IEC/EN60601-1
EMC:EN60601-1-2/EN55024
MTBF
100,000CalculatedHours
CaseandDimension
Desktopstyle
3.98Lx2.4Wx1.34H(in)
101Lx61Wx34H(mm)
CaseMaterial
Black94V0
Polycarbonate
CordandConnectors
18AWG1,500mm
2Conductor.Ault#3
Connector.Otherconnectors
arealsoavailable.
General Specifications
Specifications
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone:805.486.4565 Fax:858.712.2040 Email:info@slpower.com www.slpower.com
• 100-240 VAC Universal Input
• Desktop Style
• Single Output to 40W
• Four Models Available; 12V to 24V
• Regulated Output with Low Ripple
• Impact Resistant Polycarbonate Enclosure
• Modified and Custom Designs Also Available
• Designed to Meet EISA Requirements —
see reverse side for details
International Safety Standard Approvals


Similar Part No. - MW153KB

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW152 SLPOWER-MW152 Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
MW152KA05XX SLPOWER-MW152KA05XX Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
MW152KA09XX SLPOWER-MW152KA09XX Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
MW152KA12XX SLPOWER-MW152KA12XX Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
MW152KA15XX SLPOWER-MW152KA15XX Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
More results

Similar Description - MW153KB

ManufacturerPart #DatasheetDescription
logo
Power-One
IMR25 POWER-ONE-IMR25 Datasheet
122Kb / 3P
25...40 Watt DC-DC Converters
logo
Volgen Kaga Electronics...
KRS25F-03 VOLGEN-KRS25F-03 Datasheet
71Kb / 2P
25 WATT, Universal Input PCB Mountable Switching Power
logo
SL Power Electronics
PENT1040A SLPOWER-PENT1040A Datasheet
258Kb / 2P
Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040B SLPOWER-PENT1040B Datasheet
260Kb / 2P
Universal 40 Watt (Pre-IEEE802.3at Compliant)
PENT1040C SLPOWER-PENT1040C Datasheet
257Kb / 2P
Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040D SLPOWER-PENT1040D Datasheet
259Kb / 2P
Universal 40 Watt (Pre-standard IEEE802.3at Compliant)
PW148RB SLPOWER-PW148RB Datasheet
322Kb / 2P
Universal 19.2 Watt Series
PW149RB SLPOWER-PW149RB Datasheet
342Kb / 2P
Universal 12 Watt Series
PW152 SLPOWER-PW152 Datasheet
350Kb / 2P
Universal 50 Watt Series
PW153KB SLPOWER-PW153KB Datasheet
309Kb / 2P
Universal 40 Watt Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com