Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS682EP Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS682EP
Description  INVERTING VOLTAGE DOUBLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS682EP Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS682EP Datasheet HTML 1Page - Advanced Monolithic Systems AMS682EP Datasheet HTML 2Page - Advanced Monolithic Systems AMS682EP Datasheet HTML 3Page - Advanced Monolithic Systems AMS682EP Datasheet HTML 4Page - Advanced Monolithic Systems AMS682EP Datasheet HTML 5Page - Advanced Monolithic Systems AMS682EP Datasheet HTML 6Page - Advanced Monolithic Systems AMS682EP Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS682
DETAILED DESCRIPTION
Phase 1
VSS charge storage- before this phase of the clock cycle,
capacitor C1 is already charged to +5V. C1
+ is then switched
to ground and the charge in C1
- is transferred to C2-.
Since C2
+ is at +5V, the voltage potential across capacitor C2
is now -10V.
-
+
C
3
+
-
C1
C2
SW2
-5V
SW4
SW3
SW1
V
IN =+5V
V
OUT
+
-
Figure 2. Charge Pump - Phase 1
Phase 2
VSS transfer- phase two of the clock connects the negative
terminal of C2 to the negative side of reservoir capacitor C3
and the positive terminal of C2 to the ground, transferring the
generated -10V to C3. Simultaneously, the positive side of
capacitor C1 is switched to +5V and the negative side is
connected to ground. C2 is then switched to VCC and GND and
Phase 1 begins again.
-
+
C
3
+
-
C1
C2
SW2
-10V
SW4
SW3
SW1
V
IN =+5V
V
OUT
+
-
Figure 3. Charge Pump - Phase 2
MAXIMUM OPERATING LIMITS
The AMS682 has on-chip zener diodes that clamp VIN to
approximately 5.8V, and V
-
OUT to
-11.6V. Exceeding the
maximum supply voltage will potentially damage the chip.
With an input voltage of 2V to 5.5V the AMS682 will operate
over the entire operating temperature range.
EFFICIENCY CONSIDERATIONS
Theoretically a charge pump voltage multiplier can approach
100% efficiency under the following conditions:
•
The charge pump switches have virtually no offset and are
extremely low on resistance.
•
Minimal power is consumed by the drive circuitry.
•
The Impedances of the reservoir and pump capacitors are
negligible.
For the AMS682, efficiency is as shown below:
Voltage Efficiency = VOUT / (-2VIN )
VOUT = -2VIN + VDROP
VDROP = (IOUT) (R OUT)
Power Loss
= IOUT (VDROP)
There will be a substantial voltage difference between VOUT and
2VIN if the impedances of the pump capacitors C1 and C2 are
high with respect to their respective output loads.
If the values of the reservoir capacitor C3 are larger the output
ripple will be reduced. The efficiency will be improved if both
pump and reservoir capacitors have larger values. ( See
“Capacitor Selection” in Application Section.)
APPLICATIONS
Negative Doubling Converter
The AMS682 is most commonly used as a charge pump voltage
converter which provides a negative output of two times a
positive input voltage (Fig.4)
GND
V
IN
6
4
V-
OUT
5
7
2
3
1
C
1
-
C
2
+
C
1
+
C
2
-
GND
V
IN
V-
OUT
C
3
22
µF
+
+
+
22
µF
22
µF
C
1
C
2
ON/OFF
8
Figure 4. Inverting Voltage Doubler



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com