Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5010LN Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS5010LN
Description  1.2V VOLTAGE REFERENCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS5010LN Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS5010LN Datasheet HTML 1Page - Advanced Monolithic Systems AMS5010LN Datasheet HTML 2Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS5010
ABSOLUTE MAXIMUM RATINGS
Reverse Current
10mA
Storage Temperature TO-92 package
-65
°C to +150°C
Forward Current
10mA
Storage Temperature TO-52 package
-65
°C to +200°C
Operating Temperature Range
Lead Temperature (Soldering 10 sec.)
260
°C
NT, MT, LN, HN, GN
0
°C to 70°C
Maximum Power Dissipation (at 25
°C)
LT, KT, JT
-55
°C to +125°C
TO-52
750mW
TO-92
600mW
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 500
µA, and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS5010
Min
Typ
Max
Units
Reference Voltage
IR = 100 µA
1.20
1.220
1.25
V
Reference Current (Note 3)
50
100
5000
µA
Reverse Current
To rated specs.
50
100
µA
Dynamic Output Impedance
IR = 100 µA
IR = 500 µA
.6
.6
2
RMS Noise Voltage
(Note 4)
IR = 500 µA,
10Hz
≤ f ≤ 10kHz
5
µV
Temperature Coefficient
(Note 5)
AMS5010G – J
AMS5010H – K
AMS5010L
AMS5010M
AMS501N
50
µA ≤ I
R
≤ 5mA
TMIN
≤ T
A
≤ T
MAX
30
25
10
5
3
100
50
25
10
5
ppm/°C
ppm/°C
ppm/°C
ppm/°C
ppm/°C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics
. The
guaranteed specifications apply only for the test conditions listed.
Note 2: For elevated temperature operation, Tj max is
≤+150°C
Thermal Resistance
TO-92
TO-52
ϕ
JA (junction to ambient)
170°C/W (0.125” leads)
140°C/W
Note 3: Optimum performance is obtained at currents below 500
µA. For current operation below 200µA, stray shunt capacitances should be limited to 20pF or
increased to 1
µF. If strays can not be avoided, a shunt capacitor of at least 1000pF is recommended.
Note 4: Guaranteed but not 100% production tested. These limits are not used to calculate average outgoing quality levels.
Note 5: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating TMAX
and TMIN, divided by TMAX - TMIN.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com