Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC130 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPC130
Description  130 Watt Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPC130 Datasheet(HTML) 2 Page - SL Power Electronics

  GPC130 Datasheet HTML 1Page - SL Power Electronics GPC130 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
55
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GPC130 Commercial/GPM130 Medical 130 Watt Multiple Output
GPC130/GPM130 MECHANICAL SPECIFICATIONS
A.Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load.
B. Unrestricted natural convection cooling.
C. Requires 26 cfm moving air.
A. Units should be allowed to warm up/operate under non-condensing conditions
before application of power.
B. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3
orthogonal axes.Tested for 10 min./axis operating and 1 hr./axis non-operating.
C. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal axes,
total 6 shocks.
l
a
t
n
e
m
n
o
r
i
v
n
E
n
o
i
t
a
c
i
f
i
c
e
p
S
g
n
i
t
a
r
e
p
O
g
n
i
t
a
r
e
p
o
-
n
o
N
)
A
(
e
r
u
t
a
r
e
p
m
e
Ts
c
e
p
s
l
a
u
d
i
v
i
d
n
i
e
e
S5
8
+
o
t
0
4
-
oC
)
A
(
y
t
i
d
i
m
u
HH
R
%
5
9
o
t
0H
R
%
5
9
o
t
0
)
B
(
k
c
o
h
Sg
0
2
k
p
g
0
4
k
p
e
d
u
t
i
t
l
At
f
0
0
0
,
0
1
o
t
0
0
5
-t
f
0
0
0
,
0
4
o
t
0
0
5
-
)
C
(
n
o
i
t
a
r
b
i
Vg
5
.
1
s
m
r
g
3
0
0
.
0
,
2
z
H
/g
5
s
m
r
g
6
2
0
.
0
,
2
z
H
/
l
a
i
c
r
e
m
m
o
C
l
e
d
o
M
l
a
c
i
d
e
M
l
e
d
o
M
.
o
N
t
u
p
t
u
O
t
u
p
t
u
O
t
u
p
t
u
O
m
u
m
i
n
i
M
t
u
p
t
u
O
)
B
(
m
u
m
i
x
a
M
t
u
p
t
u
O
)
C
(
m
u
m
i
x
a
M
k
a
e
P
t
u
p
t
u
O
P
-
P
e
s
i
o
N
l
a
t
o
T
)
A
(
n
o
i
t
a
l
u
g
e
R
A
0
3
1
C
P
G
A
0
3
1
M
P
G
1
2
3
4
V
5
+
V
2
1
+
V
2
1
-
V
2
1
+
A
3
A
0
A
0
A
0
A
6
1
A
5
A
2
.
1
A
2
.
1
A
0
2
A
5
A
2
.
1
A
2
.
1
A
5
2
A
8
A
5
.
1
A
5
.
1
V
m
0
5
V
m
0
2
1
V
m
0
2
1
V
m
0
2
1
%
2
%
2
%
3
%
3
B
0
3
1
C
P
G
B
0
3
1
M
P
G
1
2
3
4
V
5
+
V
2
1
+
V
5
-
V
2
1
-
A
3
A
0
A
0
A
0
A
6
1
A
5
A
2
.
1
A
2
.
1
A
0
2
A
5
A
2
.
1
A
2
.
1
A
5
2
A
8
A
5
.
1
A
5
.
1
V
m
0
5
V
m
0
2
1
V
m
0
5
V
m
0
2
1
%
2
%
2
%
3
%
3
C
0
3
1
C
P
G
C
0
3
1
M
P
G
1
2
3
4
V
5
+
V
2
1
+
V
5
1
-
V
5
1
+
A
3
A
0
A
0
A
0
A
6
1
A
5
A
2
.
1
A
2
.
1
A
0
2
A
5
A
2
.
1
A
2
.
1
A
5
2
A
8
A
5
.
1
A
5
.
1
V
m
0
5
V
m
0
2
1
V
m
0
5
1
V
m
0
5
1
%
2
%
2
%
3
%
3
D
0
3
1
C
P
G
D
0
3
1
M
P
G
1
2
3
4
V
5
+
V
4
2
+
V
2
1
-
V
2
1
+
A
3
A
0
A
0
A
0
A
6
1
A
5
.
3
A
2
.
1
A
2
.
1
A
0
2
A
5
.
3
A
2
.
1
A
2
.
1
A
5
2
A
5
A
5
.
1
A
5
.
1
V
m
0
5
V
m
0
4
2
V
m
0
2
1
V
m
0
2
1
%
2
%
2
%
3
%
3
E
0
3
1
C
P
G
E
0
3
1
M
P
G
1
2
3
4
V
5
+
V
4
2
+
V
5
1
-
V
5
1
+
A
3
A
0
A
0
A
0
A
6
1
A
5
.
3
A
2
.
1
A
2
.
1
A
0
2
A
5
.
3
A
2
.
1
A
2
.
1
A
5
2
A
5
A
5
.
1
A
5
.
1
V
m
0
5
V
m
0
4
2
V
m
0
5
1
V
m
0
5
1
%
2
%
2
%
3
%
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com