Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CS-X Datasheet(PDF) 12 Page - Advanced Monolithic Systems

Part # LP2951CS-X
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2951CS-X Datasheet(HTML) 12 Page - Advanced Monolithic Systems

Back Button LP2951CS-X Datasheet HTML 6Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 7Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 8Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 9Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 10Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 11Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 12Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 13Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 14Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
LP2950/LP2951
TYPICAL APPLICATIONS (Continued)
2 Ampere Low Dropout Regulator
Regulator with Early Warning and Auxiliary Output
ERROR
ERROR
FLAG
CURRENT
LIMIT SECTION
GND
FB
V
OUT
SD
1
4
3
8
5
7
+V
IN
+V
IN = VOUT +.5V
LP2951
+V
OUT @ 2A
R
1
R
2
10k
Ω
100
µF
4.7
TANT.
+
+
1%
220
.033
20k
Ω
4.7M
Ω
2N3906
0.05
680
470
MJE2955
ERROR
GND
FB
V
OUT
5
4
8
1
6
+V
IN
LP2951
#1
V
TAP
7
ERROR
GND
FB
V
OUT
4
8
6
+V
IN
LP2951
#2
V
TAP
3
SD
7
SENSE
2
5
RESET
1
µF
20
+V
IN
D
1
D
2
3.6V
NICAD
27 k
Ω
2.7M
Ω
330 k
Ω
1
µF
D
4
Q
1
MAIN 5V OUTPUT
µP
V
DD
2
D
3
5V MEMORY
SUPPLY
EARLY WARNING
SENSE
+
+
VOUT = 1.23V(1+R1/R2)
For 5V VOUT, use internal resistors. Wire pin 6 to 7 and pin 2 to +VOUTBuss.
•
Early warning flag on low input voltage
•
Main output latches off at lower input voltages
•
Battery backup on auxiliary output
Operation: Reg.#1’s VOUT is programmed one diode drop above 5V. It’s error flag
becomes active when VIN
≤ 5.7V. When V
IN drops below 5.3V, the error flag of
Reg.#2 becomes active and via Q1 latches the main output off. When VIN again
exceeds 5.7V Reg.#1 is back in regulation and the early warning signal rises,
unlatching Reg.#2 via D3.
1A Regulator with 1.2V Dropout
Latch Off When Error Flag Occurs
OUTPUT
5V ± 1% @
0 TO 1A
GND
FB
OUT
IN
4
7
6
1
2
8
V
TAP
LP2951
SUPERTEX
VP12C
SENSE
0.002µF
2kΩ
10kΩ
1ΜΩ
0.01µF
220µF
1µF
+
I
Q ≅ 400µA
UNREGULATED
INPUT
R
1
ERROR
GND
FB
V
OUT
R
2
SD
7
4
3
8
1
5
+V
IN
+V
IN
V
OUT
1
µF
+
470k
Ω
LP2951
470k
Ω
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com