Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05083C104MAT2W Datasheet(PDF) 1 Page - AVX Corporation

Part # 05083C104MAT2W
Description  Low Inductance Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

05083C104MAT2W Datasheet(HTML) 1 Page - AVX Corporation

  05083C104MAT2W Datasheet HTML 1Page - AVX Corporation 05083C104MAT2W Datasheet HTML 2Page - AVX Corporation 05083C104MAT2W Datasheet HTML 3Page - AVX Corporation 05083C104MAT2W Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
59
Low Inductance Capacitors
Introduction
The signal integrity characteristics of a Power Delivery
Network (PDN) are becoming critical aspects of board level
and semiconductor package designs due to higher operating
frequencies, larger power demands, and the ever shrinking
lower and upper voltage limits around low operating voltages.
These power system challenges are coming from mainstream
designs with operating frequencies of 300MHz or greater,
modest ICs with power demand of 15 watts or more, and
operating voltages below 3 volts.
The classic PDN topology is comprised of a series of
capacitor stages. Figure 1 is an example of this architecture
with multiple capacitor stages.
An ideal capacitor can transfer all its stored energy to a load
instantly.
A real capacitor has parasitics that prevent
instantaneous transfer of a capacitor’s stored energy. The
true nature of a capacitor can be modeled as an RLC
equivalent circuit. For most simulation purposes, it is possible
to model the characteristics of a real capacitor with one
capacitor, one resistor, and one inductor. The RLC values in
this model are commonly referred to as equivalent series
capacitance (ESC), equivalent series resistance (ESR), and
equivalent series inductance (ESL).
The ESL of a capacitor determines the speed of energy
transfer to a load. The lower the ESL of a capacitor, the faster
that energy can be transferred to a load. Historically, there
has been a tradeoff between energy storage (capacitance)
and inductance (speed of energy delivery). Low ESL devices
typically have low capacitance. Likewise, higher capacitance
devices typically have higher ESLs. This tradeoff between
ESL (speed of energy delivery) and capacitance (energy
storage) drives the PDN design topology that places the
fastest low ESL capacitors as close to the load as possible.
Low Inductance MLCCs are found on semiconductor
packages and on boards as close as possible to the load.
LOW INDUCTANCE CHIP CAPACITORS
The key physical characteristic determining equivalent series
inductance (ESL) of a capacitor is the size of the current loop
it creates. The smaller the current loop, the lower the ESL. A
standard surface mount MLCC is rectangular in shape with
electrical terminations on its shorter sides. A Low Inductance
Chip Capacitor (LICC) sometimes referred to as Reverse
Geometry Capacitor (RGC) has its terminations on the longer
side of its rectangular shape.
When the distance between terminations is reduced, the size
of the current loop is reduced. Since the size of the current
loop is the primary driver of inductance, an 0306 with a
smaller current loop has significantly lower ESL then an 0603.
The reduction in ESL varies by EIA size, however, ESL is
typically reduced 60% or more with an LICC versus a
standard MLCC.
INTERDIGITATED CAPACITORS
The size of a current loop has the greatest impact on the ESL
characteristics of a surface mount capacitor. There is a
secondary method for decreasing the ESL of a capacitor.
This secondary method uses adjacent opposing current
loops to reduce ESL. The InterDigitated Capacitor (IDC)
utilizes both primary and secondary methods of reducing
inductance.
The IDC architecture shrinks the distance
between terminations to minimize the current loop size, then
further reduces inductance by creating adjacent opposing
current loops.
An IDC is one single capacitor with an internal structure that
has been optimized for low ESL. Similar to standard MLCC
versus LICCs, the reduction in ESL varies by EIA case size.
Typically, for the same EIA size, an IDC delivers an ESL that
is at least 80% lower than an MLCC.
VR
Slowest Capacitors
Fastest Capacitors
Low Inductance Decoupling Capacitors
Semiconductor Product
Bulk
Board-Level
Package-Level
Die-Level
Figure 1 Classic Power Delivery Network (PDN) Architecture


Similar Part No. - 05083C104MAT2W

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05083C104MAT2A AVX-05083C104MAT2A Datasheet
321Kb / 4P
Low Inductance Capacitors
More results

Similar Description - 05083C104MAT2W

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0508YC224KAT2W AVX-0508YC224KAT2W Datasheet
321Kb / 4P
Low Inductance Capacitors
0508YC274KAT2A AVX-0508YC274KAT2A Datasheet
321Kb / 4P
Low Inductance Capacitors
0508YC393MAT2A AVX-0508YC393MAT2A Datasheet
321Kb / 4P
Low Inductance Capacitors
0508YC472KAT2V AVX-0508YC472KAT2V Datasheet
321Kb / 4P
Low Inductance Capacitors
0508ZC104KAT2V AVX-0508ZC104KAT2V Datasheet
321Kb / 4P
Low Inductance Capacitors
0508ZC684MAT2A AVX-0508ZC684MAT2A Datasheet
321Kb / 4P
Low Inductance Capacitors
0508ZD105KAT2A AVX-0508ZD105KAT2A Datasheet
321Kb / 4P
Low Inductance Capacitors
0612YC103KAT2A AVX-0612YC103KAT2A Datasheet
321Kb / 4P
Low Inductance Capacitors
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
Low Inductance Capacitors
LG126Z473MAT2S1 AVX-LG126Z473MAT2S1 Datasheet
370Kb / 4P
Low Inductance Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com