Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT1002RCN Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT1002RCN
Description  N - CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT1002RCN Datasheet(HTML) 4 Page - Advanced Power Technology

  APT1002RCN Datasheet HTML 1Page - Advanced Power Technology APT1002RCN Datasheet HTML 2Page - Advanced Power Technology APT1002RCN Datasheet HTML 3Page - Advanced Power Technology APT1002RCN Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD
, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
TO-254AA Package Outline
I
D
= I
D
[Cont.]
OPERATION HERE
LIMITED BY R
DS
(ON)
APT1002RCN
VDS=100V
VDS=200V
VDS=500V
TJ =+150°CTJ =+25°C
Crss
Coss
Ciss
10
µS
100
µS
1mS
10mS
100mS
DC
TC =+25°C
TJ =+150°C
SINGLE PULSE
10,000
1,000
100
10
100
50
20
10
5
2
1
1
5
10
50 100
500 1000
0
10
20
30
40
50
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
3.81 (.150) BSC
1.14 (.045)
.89 (.035)
Dia. Typ.
3 Leads
13.84 (.545)
13.59 (.535)
31.37 (1.235)
30.35 (1.195)
13.84 (.545)
13.59 (.535)
3.78 (.149)
3.53 (.139)
1.27 (.050)
1.02 (.040)
6.60 (.260)
6.32 (.249)
3.81 (.150) BSC
6.91 (.272)
6.81 (.268)
Drain
Source
Gate
Dia.
20.32 (.800)
20.06 (.790)
17.40 (.685)
16.89 (.665)
Dimensions in Millimeters and (Inches)
30
10
5
1
0.5
0.1
20
16
12
8
4
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com