Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS317ACT-50 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS317ACT-50
Description  1A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS317ACT-50 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS317ACT-50 Datasheet HTML 1Page - Advanced Monolithic Systems AMS317ACT-50 Datasheet HTML 2Page - Advanced Monolithic Systems AMS317ACT-50 Datasheet HTML 3Page - Advanced Monolithic Systems AMS317ACT-50 Datasheet HTML 4Page - Advanced Monolithic Systems AMS317ACT-50 Datasheet HTML 5Page - Advanced Monolithic Systems AMS317ACT-50 Datasheet HTML 6Page - Advanced Monolithic Systems AMS317ACT-50 Datasheet HTML 7Page - Advanced Monolithic Systems AMS317ACT-50 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS317
ABSOLUTE MAXIMUM RATINGS (Note 1)
Power Dissipation
Internally limited
Thermal Resistance
Input Voltage
25V
TO-220 package
ϕ
JA= 50
°C/W
Operating Junction Temperature Range
TO-263 package
ϕ
JA= 30
°C/W
AMS317A
-40
°C to +125°C
TO-252 package
ϕ
JA= 80
°C/W
AMS317
0
°C to +125°C
SOT-223 package
ϕ
JA= 90
°C/W*
Storage temperature
- 65
°C to +150°C
Soldering information
Lead Temperature (10 sec)
300
°C
* With package soldering to copper area over backside ground
plane or internal power plane
ϕ
JA can vary from 46
°C/W to
>
90
°C/W (for SOT-223) (20°C/W to >40°C/W for TO-263)
depending on mounting technique and the size of the copper
area.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 10 mA, (VIN - VOUT) = 5V, and TJ = +25°C unless otherwise specified.
Parameter
Device
Conditions
AMS317A
Min
Typ
Max
AMS317
Min
Typ
Max
Units
Reference Voltage
(Note 2)
AMS317
IOUT = 10 mA
10mA
≤ I
OUT
≤ I
MAX, 3V
≤ (V
IN - VOUT)
≤ 25V
1.238
1.225
1.250
1.250
1.262
1.270
1.225
1.20
1.250
1.250
1.270
1.30
V
V
Output Voltage
(Note 2)
AMS317-1.8
0
≤ I
OUT
≤ I
MAX, 3.3V
≤ V
IN
≤ 25V
1.782
1.764
1.800
1.800
1.818
1.836
1.764
1.746
1.800
1.800
1.836
1.854
V
V
AMS317-2.5
0
≤ I
OUT
≤ I
MAX , 4.0V
≤ V
IN
≤ 25V
2.475
2.460
2.500
2.500
2.525
2.560
2.450
2.425
2.500
2.500
2.550
2.575
V
V
AMS317-2.85
0
≤ I
OUT
≤ I
MAX , 4.35V
≤ V
IN
≤ 25V
2.82
2.793
2.850
2.850
2.88
2.907
2.793
2.765
2.850
2.850
2.907
2.935
V
V
AMS317-3.3
0
≤ I
OUT
≤ I
MAX, 4.75V
≤ V
IN
≤ 25V
3.267
3.235
3.300
3.300
3.333
3.365
3.235
3.201
3.300
3.300
3.365
3.399
V
V
AMS317-5.0
0
≤ I
OUT
≤ I
MAX , 6.5V
≤ V
IN
≤ 25V
4.950
4.900
5.000
5.000
5.050
5.100
4.900
4.850
5.000
5.000
5.100
5.150
V
V
Line Regulation
AMS317
ILOAD = 10 mA , 3V
≤ (V
IN - VOUT)
≤ 25V
0.015
0.035
0.2
0.2
0.015
0.035
0.2
0.2
%
%
Load Regulation
(Notes 2, 3)
AMS317
10mA
≤ I
OUT
≤ I
MAX
0.1
0.3
0.5
1.0
0.1
0.3
0.5
1.0
%
%
Current Limit
AMS317/-1.8/-
2.5/-2.85/-3.3/-5.0
(VIN - VOUT) = 5V
1.5
2.0
1.5
2.0
A
Minimum Load
Current
AMS317
(VIN - VOUT) = 25V
5
10
5
10
mA
Thermal Regulation
AMS317
TA = 25°C, 20ms pulse
0.04
0.07
0.04
0.07
%W
Adjust Pin Current
AMS317
40
100
40
100
µA
µA
Adjust Pin Current
Change
AMS317
10mA
≤ I
OUT
≤ I
MAX , 3V
≤ (V
IN - VOUT)
≤ 25V
0.2
5
0.2
5
µA
Temperature
Stability
TMIN
≤ T
J
≤ T
MAX
1.0
1.0
%
Long Term Stability
TA =125°C, 1000Hrs
0.3
1
0.3
1
%
Ripple Rejection
AMS317
f =120Hz , COUT = 25
µF Tantalum,
(VIN-VOUT ) = 3V, CADJ =10
µF
66
80
66
80
dB
RMS Output Noise
(% of VOUT )
TA = 25°C , 10Hz
≤ f ≤ 10kHz
0.003
0.003
%
Thermal Resistance
Junction-to-Case
TO-252 Package
SOT-223 Package
TO-220 / TO-263 Package
5
23.5
5
5
23.5
5
°C/W
°C/W
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com