Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6033WC/70 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX6033WC/70
Description  Desktop or wallmount industrial computer chassis
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX6033WC/70 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX6033WC/70 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
360
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
AX6033
4-slot ShoeBox Chassis
● Desktop or wallmount industrial computer chassis
● One 5.25" and two 3.5" HDD drive bays
● Equipped with a PS/2 type power supply
Features
Specifications
Standard Color
Beige (PANTONE 414C)
Construction
Heavy-duty steel
Drive Capacity
Exposed 1 x 3.5" HDD drive bay and one slim CD-ROM drive;
Internal 1 x 3.5" HDD drive bay
Cooling
1 x 8 cm ball-bearing fan (42.5 CFM/each) with a removable
filter
Front Panel Indicators
1 x power on/off; 1 x HDD
Rear Panel Controls
1 x power on/off; 1 x system reset
Pre-punched Rear Panel
2 x 9-pin; 1 x 25-pin; 2 x USB
System Board
Half-size SBCs
Expansion Interface
4-slot ISA or PCI backplane
Operating Temperature
Range
0°C ~ 45°C (32°F ~ 113°F)
Dimensions
160 mm (6.3") (W) x 275 mm (10.8") (D) x 185 mm (7.3") (H)
Weight (net/gross)
4.5 kg (9.92 lb)/5.7 kg (12.57 lb)
Ordering Information
AX6033WI/70
With ATX6020/4, AT 70W power supply
AX6033WC/70
With ATX6021/4, AT 70W power supply
AX6033WB/100
Without BP, with AT 100W power supply
*Specifications and certifications are based on options and may vary.
Backplane Options
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
ATX6020/4
4/0/0
Single
ATX6021/4
0/3/1
Single
PICMG 1.0
Front view
Interior view
Power Supply Specifications
Items
Specifications
Input
Output
MTBF
AC AT 70W
AC 115/230V
(Auto)
+5V @ 10A
+12V @ 1.5A
-12V @ 0.3A
100,000
hours
DC AT 72W
DC 36~72VDc
+5V @ 10A
+12V @ 1.5A
-12V @ 0.3A
100,000
hours
AC AT 100W
DC 115/230VDc
(Auto)
+5V @ 15A
+12V @ 12A
-12V @ 0.5A
100,000
hours
Dimensions


Similar Part No. - AX6033WC/70

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AX6000 TP-LINK-AX6000 Datasheet
1Mb / 7P
AX6000 Next-Gen Wi-Fi Router
logo
Axiomtek Co., Ltd.
AX60501 AXIOMTEK-AX60501 Datasheet
208Kb / 1P
Desktop or wallmount industrial computer chassis
AX60501 AXIOMTEK-AX60501 Datasheet
408Kb / 2P
6-slot ShoeBox Chassis
2023
AX60501WB AXIOMTEK-AX60501WB Datasheet
228Kb / 1P
6-slot ShoeBox Chassis
AX60501WB/X300 AXIOMTEK-AX60501WB/X300 Datasheet
208Kb / 1P
Desktop or wallmount industrial computer chassis
More results

Similar Description - AX6033WC/70

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-7220 ADVANTECH-IPC-7220 Datasheet
833Kb / 2P
Desktop/Wallmount Chassis for ATX Motherboard
logo
Axiomtek Co., Ltd.
AX60501 AXIOMTEK-AX60501 Datasheet
208Kb / 1P
Desktop or wallmount industrial computer chassis
AX60551 AXIOMTEK-AX60551 Datasheet
146Kb / 1P
Desktop or wallmount industrial computer chassis
AX60552 AXIOMTEK-AX60552 Datasheet
348Kb / 1P
Desktop or wallmount industrial computer chassis
logo
Advantech Co., Ltd.
IPC-5122 ADVANTECH-IPC-5122_12 Datasheet
2Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7220 ADVANTECH-IPC-7220_15 Datasheet
913Kb / 2P
Desktop/wallmount Chassis for ATX/mATX Motherboard
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
6/8-Slot Desktop/Wallmount Chassis
IPC-5122 ADVANTECH-IPC-5122_17 Datasheet
1Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7130 ADVANTECH-IPC-7130_17 Datasheet
1Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_V01 Datasheet
1Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
1-Jun-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com