Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6156LE Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX6156LE
Description  Hot-swap redundant power supply supported
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX6156LE Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX6156LE Datasheet HTML 1Page - Axiomtek Co., Ltd. AX6156LE Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
352
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Power Supply Specifications
Dimensions
Items
Watt
Specifications
Input
Output
MTBF
PS300-
XP2
ATX 300W
(PFC)
Slide Switch
(115Vac/230Vac)
+5V @ 30/21.5A
+12V @ 15A
-12V @ 0.8A
+3.3V @ 15/28A
+5VSB @ 2A
-5V @ 0.3A
100,000
hours
RPS400-
HRP
ATX 400W
HRP
(PFC)
AC
90~264V(Auto)
+5V @ 35A
+12V @ 28A
-5V @ 0.5A
-12V @ 1.2A
+3.3V @ 25A
+5VSB @ 2.0A
100,000
hours
PS400-
XP2
ATX 400W
(PFC)
AC 90~264V
(Auto)
+5V @ 25A
+12 @ 41A
-12V @ 0.8A
+3.3V @ 25A
+5VSB @ 3.5A
100,000
hours
PS501-
HRP
ATX 500W
HRP
(PFC)
AC 90~264V
(Auto)
+5V @ 25A
+12 @ 41A
-12V @ 0.8A
+3.3V @ 25A
+5VSB @ 3.5A
100,000
hours
AX6156LET(W)B/X300
14-slot version, with ATX 300W power supply
AX6156LET(W)B/X400
14-slot version, with ATX 400W power supply
AX6156LET(W)B/X300R
14-slot version, with ATX 300W redundant power supply
AX6156LET(W)M/X300
MB version, with ATX 300W power supply
AX6156LET(W)M/X400
MB version, with ATX 400W power supply
AX6156LET(W)M/X300R
MB version, with ATX 300W redundant power supply
*Specifications and certifications are based on options and may vary.
** T-Black color; W-Beige color
Backplane Options
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
ATX6022/13L
8/4/1
Single
ATX6022/14
9/4/1
Single
ATX6022/14G
1/12/1
Single
ATX6022/14GP7
6/7/1
Single
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
FAB100
4/4/5/1
Single
FAB101
0/13/0/1
Single
FAB112
0/10/2/1
Single
FAB113
0/4/8/1
Single
FAB114
0/8/4/1
Single
FAB118
0/7/6/1
Single
PICMG 1.0
PICMG 1.3
Optional Items
ATX 500W power supply with PFC
ATX 300W redundant power supply with PFC
ATX 500W redundant power supply with PFC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com