Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX7002P Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX7002P
Description  Liquid coated polycarbonate graphics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX7002P Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX7002P Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
386
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
© 2013 Axiomtek Co., Ltd. All rights reserved.
AX7020K/7002P/7300T
Specifications
Specifications
Specifications
Ordering Information
Ordering Information
Ordering Information
AX7020K
AX7002P
AX7300T
• 19" rackmount or desktop membrane keyboard
• 101 keys, IBM™ PC AT-compatible
• Dust-protected and waterproof surface
• Built-in speaker with sound upon every key stroke
• Environment-protection switch contacts and electronics
• Liquid coated polycarbonate graphics
• MTBF: 2,000,000 key strokes
• Dimensions (W x D x H): 19" (482.6 mm) x 5.25" (133 mm) x 1.18" (30 mm)
• Compatible with IBM™ PC XT, AT PS/2
• Hardware Resolution: 400 dpi
• Tracking Speed: 500 mm/sec
• Encoder: Opto-Mechanical
• Switch: 1 million cycle life
• Total Current: Less than 8mA
• Baud Rate: 1,200 bps
• Dimensions (W x D x H): 12.4" (316 mm) x 2.4" (60 mm) x 1.4" (35 mm)
• Combinations for 1 x slim CD-ROM & 1 x standard FDD or 1 x slim CD-ROM & 1 x 3.5"
HDD (Storage devices are not included)
• Dimensions (W x D x H): 5.87" (149 mm) x 5.51" (140 mm) x 1.66" (42.1 mm)(Storage
devices are not included)
AX7020K
Rackmount membrane keyboard
AX7002P
Wirst rest track ball
AX7300T
5.25" multiple drives w/ USB, KB & MS ports (color: Black)
Rackmount Membrane Keyboard
Wrist Rest Track Ball
5.25" Multiple Drives with USB, K/B and M/S Ports


Similar Part No. - AX7002P

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX7020K AXIOMTEK-AX7020K Datasheet
154Kb / 1P
Dust-protected and waterproof surface
AX7020K AXIOMTEK-AX7020K_14 Datasheet
154Kb / 1P
Dust-protected and waterproof surface
AX7042 AXIOMTEK-AX7042 Datasheet
164Kb / 1P
Integrated keyboard
AX7042KB AXIOMTEK-AX7042KB Datasheet
330Kb / 2P
1U Keyboard Drawer with Touch Pad
Apr. 29, 2024.
AX7042T AXIOMTEK-AX7042T Datasheet
164Kb / 1P
Integrated keyboard
More results

Similar Description - AX7002P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66108 HITACHI-HD66108 Datasheet
337Kb / 60P
(RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics)
logo
Electronic Film Capacit...
1613 EFC-1613 Datasheet
54Kb / 9P
METALLIZED POLYCARBONATE
1613EFR EFC-1613EFR Datasheet
13Kb / 1P
Metallized Polycarbonate Capacitors
logo
Visual Communications C...
CLP-125 VCC-CLP-125 Datasheet
135Kb / 1P
Polycarbonate
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
Polycarbonate
CLP-129 VCC-CLP-129 Datasheet
162Kb / 1P
Polycarbonate
logo
Ralston Instruments.
QTHP-RESV RALSTON-QTHP-RESV Datasheet
280Kb / 1P
Polycarbonate Liquid reservoir and (2) gaskets
logo
Molex Electronics Ltd.
130112-0169 MOLEX11-130112-0169 Datasheet
37Kb / 1P
Clear Polycarbonate Guard
1301120173 MOLEX11-1301120173 Datasheet
29Kb / 1P
Clear Polycarbonate Guard
logo
Laird Tech Smart Techno...
S2403BP LSTD-S2403BP Datasheet
276Kb / 1P
Polycarbonate enclosures
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com