Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR941LT1 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MMBR941LT1
Description  NPN Silicon Low Noise, High-Frequency Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBR941LT1 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MMBR941LT1 Datasheet HTML 9Page - Motorola, Inc MMBR941LT1 Datasheet HTML 10Page - Motorola, Inc MMBR941LT1 Datasheet HTML 11Page - Motorola, Inc MMBR941LT1 Datasheet HTML 12Page - Motorola, Inc MMBR941LT1 Datasheet HTML 13Page - Motorola, Inc MMBR941LT1 Datasheet HTML 14Page - Motorola, Inc MMBR941LT1 Datasheet HTML 15Page - Motorola, Inc MMBR941LT1 Datasheet HTML 16Page - Motorola, Inc MMBR941LT1 Datasheet HTML 17Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2–13
MMBR941 MRF947 MRF9411 SERIES
MOTOROLA RF DEVICE DATA
Figure 19. MRF9411LT1 Constant Gain and Noise Figure Contours
(f = 0.5 GHz)
f (GHz)
NF OPT (dB)
RN
0.5
1.60
40
ΓMS NF OPT
0.70
∠ 35°
+j1
+j2
–j2
–j1
– j0.5
– j0.2
+ j0.2
+ j0.5
11.2
8.6
8
K
0.22
f (GHz)
NF OPT (dB)
RN
1.0
1.95
30
ΓMS NF OPT
0.55
∠ 69°
K
0.39
+j1
+j2
–j2
–j1
– j0.5
– j0.2
+ j0.2
+ j0.5
2
2
1.6
11
10
1.8
7
2.3
2.1
VCE = 1.0 V
IC = 0.5 mA
— AREA OF INSTABILITY
VCE = 1.0 V
IC = 0.5 mA
— AREA OF INSTABILITY
Figure 20. MRF9411LT1 Constant Gain and Noise Figure Contours
(f = 1.0 GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com