Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT1004RBN Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT1004RBN
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT1004RBN Datasheet(HTML) 2 Page - Advanced Power Technology

  APT1004RBN Datasheet HTML 1Page - Advanced Power Technology APT1004RBN Datasheet HTML 2Page - Advanced Power Technology APT1004RBN Datasheet HTML 3Page - Advanced Power Technology APT1004RBN Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIN
TYP
MAX
180
180
APT1004RBN
17.6
APT1004R2BN
16
MIN
TYP
MAX
APT1004RBN
4.4
APT1004R2BN
4.0
APT1004RBN
17.6
APT1004R2BN
16
1.3
290
580
1.65
3.3
DYNAMIC CHARACTERISTICS
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d
(on)
t
r
t
d
(off)
t
f
Test Conditions
V
GS
= 0V
V
DS
= 25V
f = 1 MHz
V
GS
= 10V
V
DD
= 0.5 V
DSS
I
D
= I
D
[Cont.] @ 25
°C
V
GS
= 15V
V
DD
= 0.5 V
DSS
I
D
= I
D
[Cont.] @ 25
°C
R
G
= 1.8
Ω
MIN
TYP
MAX
805
950
115
160
37
60
35
55
4.3
6.5
18
27
12
24
10
20
33
50
14
27
UNIT
pF
nC
ns
APT1004R/1004R2BN
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Characteristic / Test Conditions / Part Number
Continuous Source Current
(Body Diode)
Pulsed Source Current 1
(Body Diode)
Diode Forward Voltage 2 (V
GS
= 0V, I
S
= -I
D
[Cont.])
Reverse Recovery Time (I
S
= -I
D
[Cont.], dl
S
/dt = 100A/
µs)
Reverse Recovery Charge (I
S
= -I
D
[Cont.], dl
S
/dt = 100A/
µs)
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
UNIT
Amps
Volts
ns
µC
Test Conditions / Part Number
V
DS
= 0.4 V
DSS
, I
DS
= P
D
/ 0.4 V
DSS
, t = 1 Sec.
I
DS
= I
D
[Cont.], V
DS
= P
D
/ I
D
[Cont.], t = 1 Sec.
Symbol
SOA1
SOA2
I
LM
Characteristic
Safe Operating Area
Safe Operating Area
Inductive Current Clamped
UNIT
Watts
Amps
SAFE OPERATING AREA CHARACTERISTICS
1 Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1)
2 Pulse Test: Pulse width < 380
µS, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471
APT Reserves the right to change, without notice, the specifications and information contained herein.
1.0
0.5
0.1
0.05
0.01
0.005
0.001
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
D=0.5
0.2
0.1
0.01
0.02
0.05
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com