Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT10050JN Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT10050JN
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT10050JN Datasheet(HTML) 2 Page - Advanced Power Technology

  APT10050JN Datasheet HTML 1Page - Advanced Power Technology APT10050JN Datasheet HTML 2Page - Advanced Power Technology APT10050JN Datasheet HTML 3Page - Advanced Power Technology APT10050JN Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIN
TYP
MAX
APT10050JN
20.5
APT10050JN
82
1.8
1280
2000
16
32
DYNAMIC CHARACTERISTICS
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d
(on)
t
r
t
d
(off)
t
f
Test Conditions
V
GS
= 0V
V
DS
= 25V
f = 1 MHz
V
GS
= 10V
V
DD
= 0.5 V
DSS
I
D
= I
D
[Cont.] @ 25
°C
V
GS
= 15V
V
DD
= 0.5 V
DSS
I
D
= I
D
[Cont.] @ 25
°C
R
G
= 0.6
Ω
MIN
TYP
MAX
5425
6500
710
995
230
350
235
370
24
36
107
160
15
30
15
30
47
75
15
30
UNIT
pF
nC
ns
APT10050JN
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Characteristic / Test Conditions
Continuous Source Current
(Body Diode)
Pulsed Source Current 1
(Body Diode)
Diode Forward Voltage 2 (V
GS
= 0V, I
S
= -I
D
[Cont.])
Reverse Recovery Time (I
S
= -I
D
[Cont.], dl
S
/dt = 100A/
µs)
Reverse Recovery Charge (I
S
= -I
D
[Cont.], dl
S
/dt = 100A/
µs)
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
UNIT
Amps
Volts
ns
µC
Characteristic / Test Conditions
Internal Drain Inductance (Measured From Drain Terminal to Center of Die.)
Internal Source Inductance (Measured From Source Terminals to Source Bond Pads)
RMS Voltage (50-60 Hz Sinusoidal Waveform From Terminals to Mounting Base for 1 Min.)
Drain-to-Mounting Base Capacitance (f = 1MHz)
Maximum Torque for Device Mounting Screws and Electrical Terminations.
UNIT
nH
Volts
pF
in-lbs
PACKAGE CHARACTERISTICS
Symbol
L
D
L
S
V
Isolation
C
Isolation
Torque
MIN
TYP
MAX
3
5
2500
35
13
1 Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1)
2 Pulse Test: Pulse width < 380
µS, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.3
0.1
0.05
0.01
0.005
0.001
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D=0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com