Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT10M30AVR Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT10M30AVR
Description  Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT10M30AVR Datasheet(HTML) 2 Page - Advanced Power Technology

  APT10M30AVR Datasheet HTML 1Page - Advanced Power Technology APT10M30AVR Datasheet HTML 2Page - Advanced Power Technology APT10M30AVR Datasheet HTML 3Page - Advanced Power Technology APT10M30AVR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
Test Conditions
V
GS
= 0V
V
DS
= 25V
f = 1 MHz
V
GS
= 10V
V
DD
= 0.5 V
DSS
I
D
= 0.5 I
D[Cont.]
@ 25
°C
V
GS
= 15V
V
DD
= 0.5 V
DSS
I
D
= I
D[Cont.]
@ 25
°C
R
G
= 1.6
Ω
MIN
TYP
MAX
4300
5160
1600
2240
650
975
150
225
28
42
75
115
13
26
22
44
40
60
10
20
UNIT
pF
nC
ns
APT10M30AVR
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
UNIT
Amps
Volts
ns
µC
MIN
TYP
MAX
65
260
1.3
150
1.0
THERMAL CHARACTERISTICS
Symbol
RθJC
RθJA
MIN
TYP
MAX
0.53
30
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
1 Repetitive Rating: Pulse width limited by maximum Tj
4 Starting Tj = +25°C, L = 0.71mH, RG = 25Ω, Peak IL = 65A
2 Pulse Test: Pulse width < 380
µS, Duty Cycle < 2%
5 The maximum current is limited by lead temperature.
3 See MIL-STD-750 Method 3471
APT Reserves the right to change, without notice, the specifications and information contained herein.
Characteristic / Test Conditions
Continuous Source Current
(Body Diode)
Pulsed Source Current 1 5 (Body Diode)
Diode Forward Voltage 2 (V
GS
= 0V, I
S
= -I
D[Cont.]
)
Reverse Recovery Time (I
S
= -I
D[Cont.]
, dl
S
/dt = 100A/
µs)
Reverse Recovery Charge (I
S
= -I
D[Cont.]
, dl
S
/dt = 100A/
µs)
5
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.6
0.1
0.05
0.01
0.005
0.001
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.1
SINGLE PULSE
0.02
0.05
0.2
D=0.5
0.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com