Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-C195 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-C195
Description  Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-C195 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-C195 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-C195 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-C195 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-C195 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Frequency 6
Frequency, GHz
1.8
Attenuation, dB/100ft [dB/100m]
15.3 [50.2]
Power Handling, Watts
100
Frequency 7
Frequency, GHz
2
Attenuation, dB/100ft [dB/100m]
16.1 [52.82]
Power Handling, Watts
90
Frequency 8
Frequency, GHz
2.5
Attenuation, dB/100ft [dB/100m]
18.1 [59.38]
Power Handling, Watts
80
Frequency 9
Frequency, GHz
5.8
Attenuation, dB/100ft [dB/100m]
28.2 [92.52]
Power Handling, Watts
50
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Storage Range, deg C
-40 to +85
Inner Conductor
Number of Strands
1
Material
Copper
Diameter, in [mm]
0.037 [0.94]
Dielectric:
Type
PE (F)
Diameter, in [mm]
0.11 [2.79]
Shield:
Number of
2
Material 1
Aluminum Foil
Material 2
Tinned Copper Braid
PE-C195
PE-C195 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket PE-C195
Low Loss Flexible RG58 Type Coax Cable
Double Shielded with Black PE Jacket



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com