Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9900 Datasheet(PDF) 2 Page - ebm-papst

Part # 9900
Description  AC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

9900 Datasheet(HTML) 2 Page - ebm-papst

  9900 Datasheet HTML 1Page - ebm-papst 9900 Datasheet HTML 2Page - ebm-papst 9900 Datasheet HTML 3Page - ebm-papst 9900 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC axial compact fan
9900
Technical features
General description
AC voltage fan with internal rotor shaded-pole motor. Protected from overload by
impedance protection.
Fan housing made of metal, impeller made of mineral-reinforced PA plastic.
Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.
Electrical connection to 2 flat plugs 2.8 x 0.5 mm.
Fan housing with grounding lug for M4 tapping screw.
Mass 320 g.
Please note our new ACmaxx series. With identical fastening dimensions
and voltages, this series achieves higher energy efficiency.
Mass
0.325 kg
Dimensions
119 x 119 x 25 mm
Material of impeller
Mineral-reinforced PA plastic
Housing material
Metal
Direction of air flow
Air exhaust over bars
Direction of rotation
Left, looking at rotor
Bearing
Sintec sleeve bearing system
Lifetime L10 at 40 °C
52500 h
Lifetime L10 at maximum
temperature
25000 h
Connection line
2 flat plugs 2.8 x 0.5 mm
Motor protection
Protected from overload using impedance protection
Approval
VDE, CSA, UL, CE
Web data sheet XI · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com