Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT12040JVR Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT12040JVR
Description  Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT12040JVR Datasheet(HTML) 2 Page - Advanced Power Technology

  APT12040JVR Datasheet HTML 1Page - Advanced Power Technology APT12040JVR Datasheet HTML 2Page - Advanced Power Technology APT12040JVR Datasheet HTML 3Page - Advanced Power Technology APT12040JVR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS
APT12040JVR
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
1 Repetitive Rating: Pulse width limited by maximum junction
3 See MIL-STD-750 Method 3471
temperature.
4 Starting Tj = +25°C, L = 10.65mH, RG = 25W
, Peak IL = 26A
2 Pulse Test: Pulse width < 380 µS, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
THERMAL/PACKAGE CHARACTERISTICS
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.2
0.1
0.05
0.01
0.005
0.001
0.0005
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.1
SINGLE PULSE
0.02
0.05
0.2
D=0.5
0.01
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (V
GS = 0V, IS = -ID[Cont.])
Reverse Recovery Time (I
S = -ID[Cont.], dlS/dt = 100A/µs)
Reverse Recovery Charge (I
S = -ID[Cont.], dlS/dt = 100A/µs)
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
MIN
TYP
MAX
26
104
1.3
1400
38
Characteristic
Junction to Case
Junction to Ambient
RMS Voltage (50-60 Hz Sinusoidal Waveform From Terminals to Mounting Base for 1 Min.)
Maximum Torque for Device Mounting Screws and Electrical Terminations.
Symbol
RqJC
RqJA
VIsolation
Torque
MIN
TYP
MAX
0.18
40
2500
13
UNIT
°C/W
Volts
lb•in
Test Conditions
V
GS = 0V
V
DS = 25V
f = 1 MHz
V
GS = 10V
V
DD = 0.5 VDSS
I
D = ID[Cont.] @ 25°C
V
GS = 15V
V
DD = 0.5 VDSS
I
D = ID[Cont.] @ 25°C
R
G = 0.6W
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
MIN
TYP
MAX
15000 18000
1240
1730
640
960
800
1200
6496
400
600
20
40
18
36
90
135
20
40
UNIT
pF
nC
ns
UNIT
Amps
Volts
ns
µC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com