Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC40B Datasheet(PDF) 1 Page - SL Power Electronics

Part # GPC40B
Description  40 WATT GLOBAL PERFORMANCE SWITCHERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPC40B Datasheet(HTML) 1 Page - SL Power Electronics

  GPC40B Datasheet HTML 1Page - SL Power Electronics GPC40B Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPC40 Commercial/GPM40 Medical
Ac Input
85-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at 120 Vac, 60 Hz with full rated output load: 1.3 A
Hold-Up Time
20 ms minimum from loss of ac input at full load, nominal line (115 Vac).
Output Power
40 W continuous, 50 W peak. Peak ratings are for 60 s maximum duration,
10% duty cycle. During peak load condition, output regulation may exceed
total regulation limits.
Overload Protection
Fully protected against short circuit and output overload.
Short circuit protection is cycling type power limit on outputs 1 & 2; foldback
type on output 3. Recovery after fault is automatic. See output ratings chart
for additional notes or conditions.
Overvoltage Protection.
Main outputs: 124% ± 12%.
Efficiency
70% at full rated load, nominal input voltage, depending on model and load
distribution.
Turn-on Time
Less than 1 second at 120 Vac, 25°C (inversely proportional to input voltage
and thermistor temperature).
Input Protection
Internal ac fuse provided. Designed to blow only if a catastrophic failure oc-
curs in the unit.
Inrush Current
Inrush is limited by internal thermistors. Inrush at 240 Vac under cold start
conditions will not exceed 34 A.
Temperature Coefficient
0.03%/°C typical on all outputs.
Environmental
Designed for 0 to 50°C operation at full rated output power; derate output
current and total output power by 2.5% per °C above 50°C.
40 WATT GLOBAL PERFORMANCE SWITCHERS
• Wide-range ac input 85-264 Vac
• 2-year warranty
• Conducted EMI exceeds FCC Class B and CISPR 22
Class B (Commercial models) and CISPR 11
Class B (Medical models)
• Single and multiple outputs
• Commercial Approved to UL1950,
EN60950 E3:2000 and CSA-C22.2 No. 234
• Medical Approved to UL2601-1, EN60601-1 and
CSA22.2 No. 601
• Single and multiple outputs
• RoHS compliant models available (G suffix)
GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
Summary:
D C P o w e r S u p p l i e s
SPECIFICATIONS
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions
Conducted Emissions
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
Line Frequency Harmonics
EN55022 Class B; FCC Class B
EN55011 Class B; FCC Class B
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kH
EN61000-4-5, 1 kV diff., 2 kV com.
EN61000-3-2
•
marked to LVD
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode. Measured with noise
probe directly across output terminals of the power supply.
Transient Response
Main output—500 μs typical response time for return to within 0.5% of final value
for a 50% load step change. ∆i/ ∆t<0.2 A/μs. Maximum voltage deviation is 3.5%.
Startup/ shutdown overshoot less than 3%.
Remote Sense
Provided as a standard feature on single-output models.
Voltage Adjustment
Built-in potentiometer adjusts main output voltage ±5%.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the
following emissions requirements:
Commercial Safety
Approved to UL1950, CSA22.2 No. 950, IEC950, EN60950. All dc outputs are SELV
under normal and single fault conditions.
Medical Leakage Current
The maximum leakage current is as follows:
Test Condition
Normal Single
Fault
120 Vac @ 60 Hz input
25 μA
35 μA
264 Vac @ 60 Hz input
40 μA
60 μA
Medical Safety
Approved to UL2601-1, CSA22.2 No. 601 Level 3 and EN60601-1. UL file E116994;
CSA #LR46516. The output(s) are intended for safety earthed Signal Output
and Intermediate Circuits only. The output(s) are not acceptable for patient con-
nection without additional isolation. All dc outputs are SELV under normal and
single fault conditions.


Similar Part No. - GPC40B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPC41 SLPOWER-GPC41 Datasheet
243Kb / 2P
41 WATT GLOBAL PERFORMANCE SWITCHERS
GPC41-12 SLPOWER-GPC41-12 Datasheet
243Kb / 2P
41 WATT GLOBAL PERFORMANCE SWITCHERS
logo
List of Unclassifed Man...
GPC41-12 ETC2-GPC41-12 Datasheet
243Kb / 2P
41 WATT GLOBAL PERFORMANCE SWITCHERS
logo
SL Power Electronics
GPC41-15 SLPOWER-GPC41-15 Datasheet
243Kb / 2P
41 WATT GLOBAL PERFORMANCE SWITCHERS
logo
List of Unclassifed Man...
GPC41-15 ETC2-GPC41-15 Datasheet
243Kb / 2P
41 WATT GLOBAL PERFORMANCE SWITCHERS
More results

Similar Description - GPC40B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC40 SLPOWER-GLC40 Datasheet
272Kb / 2P
40 WATT GLOBAL PERFORMANCE LOW COST SWITCHERS
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
140 Watt Global Performance Switchers
GLC110 SLPOWER-GLC110 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
160 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
250 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
20 WATT GLOBAL PERFORMANCE SWITCHERS
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
28 Watt Global Performance Switchers
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com