Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC40D Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPC40D
Description  40 WATT GLOBAL PERFORMANCE SWITCHERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPC40D Datasheet(HTML) 2 Page - SL Power Electronics

  GPC40D Datasheet HTML 1Page - SL Power Electronics GPC40D Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: For 48 volt model, GPC40-48 or GPM40-48, contact factory for availability.
A. Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load.
B. To maintain these regulation conditions, the 5.1V current must be at least 1/4 of V2 and not greater than 5 times the V2 current.
C. Requires +5.1V to be adjusted within ±1% with at least a 0.4A load to maintain regulation on this output.
D. Add “G” suffix to model number for RoHS compliant model.
3
3
Commercial
Model
Medical
Model
Output No.
Output
Output
Minimum
Output
Maximum
Output
Peak
Noise P-P
Total
Regulation
Notes
GPC40A
GPM40A
1
+5.1 V
0.4 A
4 A
5 A
50 mV
2%
2
+12 V
0 A
2 A
3 A
120 mV
5%
B,C
3
-12 V
0 A
0.4 A
0.7 A
120 mV
3%
C
GPC40B
GPM40B
1
+5.1 V
0.4 A
4 A
5 A
50 mV
2%
2
+15 V
0 A
2 A
3 A
150 mV
5%
B,C
3
-15 V
0 A
0.4 A
0.7 A
150 mV
3%
C
GPC40D
GPM40D
1
+5.1 V
0.4 A
4 A
5 A
50 mV
2%
2
+24 V
0.A
1 A
1.5 A
240 mV
5%
B,C
3
-12 V
0.A
0.4 A
0.7 A
120 mV
3%
C
GPC40-3.3
GPM40-3.3
1
3.3 V
0
8 A
10 A
35 mV
2%
GPC40-5
GPM40-5
1
5 V
0
8 A
10 A
50 mV
2%
GPC40-9
GPM40-9
1
9 V
0 A
4.5 A
6 A
90mV
2%
GPC40-12
GPM40-12
1
12 V
0 A
3.3 A
4.2 A
120 mV
2%
GPC40-15
GPM40-15
1
15 V
0 A
2.7 A
3.3 A
150 mV
2%
GPC40-24
GPM40-24
1
24 V
0 A
1.7 A
2.1 A
240 mV
2%
GPC40-28
GPM40-28
1
28 V
0 A
1.4 A
1.8 A
280 mV
2%
SL Power Electronics Corp, 6050 King Drive, Bldg. A, Ventura, CA 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 www.slpower.com. Rev. 1/07.
Data Sheet © 2007 SL Power Electronics Corp. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, Condor accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
GPC40/GPM40 MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICA-
TIONS
OPERATING
NON-OPERATING
Temperature (A)
See individual specs. -40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
A. Units should be allowed to warm up/operate under non-condensing
onditions before application of power.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction,
3 orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and
1 hr./axis non-operating.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com